Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05A8V5J-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # TV05A8V5J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05A8V5J-HF Datasheet(HTML) 2 Page - Comchip Technology

  TV05A8V5J-HF Datasheet HTML 1Page - Comchip Technology TV05A8V5J-HF Datasheet HTML 2Page - Comchip Technology TV05A8V5J-HF Datasheet HTML 3Page - Comchip Technology TV05A8V5J-HF Datasheet HTML 4Page - Comchip Technology TV05A8V5J-HF Datasheet HTML 5Page - Comchip Technology TV05A8V5J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (TV05A5V0-HF Thru. TV05A191-HF)
Pulse Width, td
100
10
1
0.1
Fig.4 - Peak Pulse Power Rating Curve
0.1
1
10
100
Ambient Temperature,
(
TA °C)
0
Fig.1 - Pulse Derating Curve
0
20
40
60
140
75
Comchip Technology CO., LTD.
Page 2
REV:B
50
100
175
150
SMD Transient Voltage Suppressor
10000
1000
25
125
80
100
120
Lead Temperature,
(°C)
TL
0
Fig.2 - Steady State Power Derating Curve
0
0.5
1.5
3.5
25
75
100
175
1.0
3.0
50
125
150
2.5
2.0
Number of Cycles at 60Hz
1
Fig.3 - Max. Non-repetitive Surge Current
0
80
10
100
20
40
60
8.3mS single half sine-wave
TJ = TJ max.
Time, (ms)
0
Fig.5 - Pulse Waveform
0
25
75
125
1
2
3
4
50
100
td
Pulse width (td) is defined
as the point where the peak
current decays to 50% of IPP
Tr = 10μs
Peak value IPP
Half value = IPP/2
10/1000μs. Waveform
as defined by R.E.A.
TJ = 25°C
Company reserves the right to improve product design , functions and reliability without notice.
QW-JTV07


Similar Part No. - TV05A8V5J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV05A8V5J-G COMCHIP-TV05A8V5J-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV05A8V5J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com