Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE160A-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # P6KE160A-HF
Description  600W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE160A-HF Datasheet(HTML) 4 Page - Comchip Technology

  P6KE160A-HF Datasheet HTML 1Page - Comchip Technology P6KE160A-HF Datasheet HTML 2Page - Comchip Technology P6KE160A-HF Datasheet HTML 3Page - Comchip Technology P6KE160A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
600W Transient Voltage Suppressor
QW-JTV04
Page 4
REV:D
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Standard Packaging
Taping Specification For Axial Lead Diodes
B
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
B
Z
T
E
5.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
3.00 (max)
2.047 ± 0.020
0.197 ± 0.020
0.047 (max)
0.236 ± 0.016
0.118 (max)
A
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
SYMBOL
(mm)
(inch)
DO-15
SYMBOL
(mm)
(inch)
DO-15
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
Case Type
DO-15
3,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
30,000


Similar Part No. - P6KE160A-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P6KE160A-AP MCC-P6KE160A-AP Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Diodes Incorporated
P6KE160A-B DIODES-P6KE160A-B Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Littelfuse
P6KE160A-B LITTELFUSE-P6KE160A-B Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Vishay Siliconix
P6KE160A-E3 VISHAY-P6KE160A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Comchip Technology
P6KE160A-G COMCHIP-P6KE160A-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE160A-HF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com