Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05B8V0P-G Datasheet(PDF) 3 Page - Comchip Technology

Part # TV05B8V0P-G
Description  Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05B8V0P-G Datasheet(HTML) 3 Page - Comchip Technology

  TV05B8V0P-G Datasheet HTML 1Page - Comchip Technology TV05B8V0P-G Datasheet HTML 2Page - Comchip Technology TV05B8V0P-G Datasheet HTML 3Page - Comchip Technology TV05B8V0P-G Datasheet HTML 4Page - Comchip Technology TV05B8V0P-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QW-BTV20
Comchip Technology CO., LTD.
Page 3
REV:B
Low Capacitance Transient Voltage Suppressor
VWM
(V)
(V)
(V)
(PF)
(V)
(V)
TV05B8V5P-G
8.5
9.44
14.0
50
45.0
75
100
SAH
TV05B100P-G
10.0
11.10
16.3
5
45.0
75
100
SAK
TV05B120P-G
12.0
13.30
19.0
5
45.0
75
100
SAL
TV05B150P-G
15.0
16.70
23.6
5
45.0
75
100
SAM
TV05B180P-G
18.0
20.00
28.8
5
45.0
75
100
SAN
TV05B220P-G
22.0
24.40
35.4
5
45.0
75
100
SAP
TV05B260P-G
26.0
28.90
42.3
5
45.0
75
100
SAQ
TV05B300P-G
30.0
33.30
48.6
5
45.0
75
100
SAR
TV05B360P-G
36.0
40.00
60.0
5
45.0
75
100
SAS
TV05B450P-G
45.0
50.00
77.0
5
45.0
150
200
SAT
TV05B500P-G
50.0
55.50
88.0
5
45.0
150
200
SAU
Part No.
TV05B7V0P-G
7.0
8.33
12.6
300
45.0
75
100
SAF
TV05B8V0P-G
8.0
8.89
13.4
100
45.0
75
100
SAG
TV05B5V0P-G
5.0
7.60
10.0
300
45.0
75
100
SAD
6.0
7.90
11.2
300
45.0
75
100
SAE
TV05B6V0P-G
Electrical Characteristics (TV05B5V0P-G Thru. TV05B500P-G)
IT
(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Stand-off
Voltage
Minimum
Voltage
VBR
Maximum
Reverse
Leakage IR
@VWM
(uA)
Maximum
Clamping
Voltage VC
@IPP
Maximum
Reverse
Surge
Curret IPP
(A)
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.60
6.80
5.80
38.0
36.0
44.0
41.0
Maximum
Junction
Capacitance
@0V
Working
Inverse
Blocking
Voltage
VWIB
Breakdown
Marking
Code
(mA)
Inverse
Blocking
Leakage
Current IIB
@VWIB
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Inverse
Voltage
VPIB
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV05B8V0P-G

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01TR BARRY-TV0505CB-50R0JN-95-01TR Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01WP BARRY-TV0505CB-50R0JN-95-01WP Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505GA-50R0JN-91 BARRY-TV0505GA-50R0JN-91 Datasheet
114Kb / 1P
   ALUMINA
06/17/09
TV0505HA-50R0GN-95-01 BARRY-TV0505HA-50R0GN-95-01 Datasheet
86Kb / 1P
   BeO
Rev.B 05/25/11
More results

Similar Description - TV05B8V0P-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com