Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05B220P-G Datasheet(PDF) 2 Page - Comchip Technology

Part # TV05B220P-G
Description  Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05B220P-G Datasheet(HTML) 2 Page - Comchip Technology

  TV05B220P-G Datasheet HTML 1Page - Comchip Technology TV05B220P-G Datasheet HTML 2Page - Comchip Technology TV05B220P-G Datasheet HTML 3Page - Comchip Technology TV05B220P-G Datasheet HTML 4Page - Comchip Technology TV05B220P-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QW-BTV20
RATING AND CHARACTERISTIC CURVES (TV05A5V0P-G thru TV05A500P-G)
Pulse Width,Td (μS)
100
10
1
0.1
Fig.1 - Peak Pulse Power Rating Curve
0.1
1
10
100
Lead Temperature, TL (°C)
0
Fig.2 - Power Derating Curve
0
20
40
60
140
75
Time, (mS)
0
Fig.3 - Pulse Waveform
0
25
75
125
1
2
3
4
Comchip Technology CO., LTD.
Page 2
REV:B
50
100
175
150
50
100
Low Capacitance Transient Voltage Suppressor
10000
1000
25
125
80
100
120
td
Pulse width (td) is defined
as the point where the peak
current decay to 50% of IPP
tr=10μS
Peak value IPP
Half value IPP/2
10/1000μS waveform
as defined by R.E.A.
Fig.4 - AC Line Protection Application
td
PPK
“0.5”
td
PPK
td=7tp
Half Sine
td
PPK
Impulse
Exponential
Decay
Square
Current Waveorms
Non-Repetitive Pulse
Waveform shown in Fig.3
TA=25°C
Power Dissipation
Peak Power (Single Pulse)
Peak Power (Single Pulse)
TJ=Initial Temperature
Surge Current
Low
Capacitance
TVS
Application Note: Device must be used
with two units in parallel, opposite in
polarity as shown in circuit for AC signal
line protection.
+
+
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV05B220P-G

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01TR BARRY-TV0505CB-50R0JN-95-01TR Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01WP BARRY-TV0505CB-50R0JN-95-01WP Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505GA-50R0JN-91 BARRY-TV0505GA-50R0JN-91 Datasheet
114Kb / 1P
   ALUMINA
06/17/09
TV0505HA-50R0GN-95-01 BARRY-TV0505HA-50R0GN-95-01 Datasheet
86Kb / 1P
   BeO
Rev.B 05/25/11
More results

Similar Description - TV05B220P-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com