Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05B100P-G Datasheet(PDF) 5 Page - Comchip Technology

Part # TV05B100P-G
Description  Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05B100P-G Datasheet(HTML) 5 Page - Comchip Technology

  TV05B100P-G Datasheet HTML 1Page - Comchip Technology TV05B100P-G Datasheet HTML 2Page - Comchip Technology TV05B100P-G Datasheet HTML 3Page - Comchip Technology TV05B100P-G Datasheet HTML 4Page - Comchip Technology TV05B100P-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QW-BTV20
Comchip Technology CO., LTD.
Page 5
REV:B
Low Capacitance Transient Voltage Suppressor
Marking Code
Standard Packaging
C
XXX
1. C: COMCHIP
PKG
SMA
SMB
SMC
A
B
C
3. XXX: Marking code (see Page. 3)
2. ○: Package
4.
: Cathod Band
2
1
3
4
Case Type
DO-214AA
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
(SMB)
C
D
B
A
SIZE
(inch)
0.220
(mm)
5.60
2.16 MAX
1.52 MIN
0.085 MAX
0.060 MIN
2.18 MIN
0.086 MIN
B
C
D
A
DO-214AA(SMB)
Suggested PAD Layout
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV05B100P-G

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01TR BARRY-TV0505CB-50R0JN-95-01TR Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01WP BARRY-TV0505CB-50R0JN-95-01WP Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505GA-50R0JN-91 BARRY-TV0505GA-50R0JN-91 Datasheet
114Kb / 1P
   ALUMINA
06/17/09
TV0505HA-50R0GN-95-01 BARRY-TV0505HA-50R0GN-95-01 Datasheet
86Kb / 1P
   BeO
Rev.B 05/25/11
More results

Similar Description - TV05B100P-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com