Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE170CA-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # P4KE170CA-HF
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE170CA-HF Datasheet(HTML) 2 Page - Comchip Technology

  P4KE170CA-HF Datasheet HTML 1Page - Comchip Technology P4KE170CA-HF Datasheet HTML 2Page - Comchip Technology P4KE170CA-HF Datasheet HTML 3Page - Comchip Technology P4KE170CA-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
400W Transient Voltage Suppressor
Page 2
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Rating and Characteristic Curves (P4KE-HF Series)
Fig.4 - Peak Pulse Power Rating Curve
Pulse Width, td (μs)
0.1
1
10
100
1000
10000
0.1
1
10
100
Fig.6 - Typical Junction Capacitance
Fig.2 - Maximum Non-Repetitive
Surge Current
Number of Cycle at 60Hz
0
50
10
100
40
1
8.3mS single half
sine-wave (JEDEC
method)
TJ=TJ Max.
20
10
30
10000
1000
100
10
1
10
100
1000
1
Reverse Breakdown Voltage, (V)
Bi-directional
@VRWM
TJ=25°C
f=1.0MHz
@VRWM
Uni-directional
Uni-directional
@zero bias
Bi-directional
@zero bias
Fig.1 - Pulse Derating Curve
Ambient Temperature, (°C)
0
25
50
100
150
175
0
50
100
75
125
25
75
Fig.5 - Pulse Waveform
Fig.3 - Steady State Power Derating Curve
Lead Temperature, TL (°C)
0
25
50
100
150 175
0
0.4
1.0
75
125
0.2
0.6
0.8
200
Time, (mS)
0
1
4
0
50
100
2
3
Peak value
TR=10 s
μ
Half Value=
Ipp
2
TJ = 25°C
td
Pluse width(td) is defined as the
point where the peak current
decays to 50% of Ipp
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)
QW-JTV11
REV:B


Similar Part No. - P4KE170CA-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE170CA-B LITTELFUSE-P4KE170CA-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE170CA-C SECOS-P4KE170CA-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE170CA-G COMCHIP-P4KE170CA-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
P4KE170CA-G COMCHIP-P4KE170CA-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE170CA-LF SIRECT-P4KE170CA-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE170CA-HF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com