Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A170JB-HF Datasheet(PDF) 6 Page - Comchip Technology

Part # TV04A170JB-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A170JB-HF Datasheet(HTML) 6 Page - Comchip Technology

  TV04A170JB-HF Datasheet HTML 1Page - Comchip Technology TV04A170JB-HF Datasheet HTML 2Page - Comchip Technology TV04A170JB-HF Datasheet HTML 3Page - Comchip Technology TV04A170JB-HF Datasheet HTML 4Page - Comchip Technology TV04A170JB-HF Datasheet HTML 5Page - Comchip Technology TV04A170JB-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Comchip Technology CO., LTD.
Page 6
SMD Transient Voltage Suppressor
REV:F
QW-JTV01
Company reserves the right to improve product design , functions and reliability without notice.
Suggested PAD Layout
Standard Packaging
C
D
B
A
SMA/DO-214AC
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
SIZE
(inch)
0.208
(mm)
5.28
1.88 MAX
1.52 MIN
0.074 MAX
0.060 MIN
1.68 MIN
0.066 MIN
B
C
D
A
DO-214AC(SMA)
Marking Code
C
XX
1. C: COMCHIP
PKG
SMA
SMB
SMC
A
B
C
3. XX: Marking code (see Page. 3~4)
2. ○: Package
4.
:Cathod Band
2
1
3
4


Similar Part No. - TV04A170JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A170JB COMCHIP-TV04A170JB Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A170JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com