Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC365G8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC365G8
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC365G8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC365G8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC365G8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC365G8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC365G8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC365G8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC365G8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
10 - 45
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
-30
-20
-10
0
10
20
0123456
789 10 11 12 13 14 15 16 17
INPUT FREQUENCY (GHz)
-30
-20
-10
0
10
20
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
Min Pin + 25c
Max Pin + 25C
Min Pin + 85C
Max Pin + 85C
Min Pin -40C
Max Pin -40C
INPUT FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
+ 25C
+ 85C
- 40C
INPUT FREQUENCY (GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC365G8
SSB Phase Noise
Performance, Pin= 0 dBm, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 13.0 GHz
Output Power vs. Temperature
Recommended
Operating Window
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Pfeedthru
2nd Harmonic
3rd Harmonic
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
012345
6789
10 11 12 13 14 15
Both Output Ports Terminated
One Output Port Terminated
INPUT FREQUENCY (GHz)
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic
Content, Pin= 0 dBm, T= 25 °C
v00.1002


Similar Part No. - HMC365G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8 Datasheet
235Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8_10 Datasheet
235Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results

Similar Description - HMC365G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com