Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV02W8V5B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV02W8V5B-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV02W8V5B-G Datasheet(HTML) 1 Page - Comchip Technology

  TV02W8V5B-G Datasheet HTML 1Page - Comchip Technology TV02W8V5B-G Datasheet HTML 2Page - Comchip Technology TV02W8V5B-G Datasheet HTML 3Page - Comchip Technology TV02W8V5B-G Datasheet HTML 4Page - Comchip Technology TV02W8V5B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Working Peak Reverse Voltage:5.0-190 Volts
Peak Pulse Power:200 Watts
RoHS Device
Features
- Glass passivated chip.
- Low leakage current.
- 200W peak pulse power capility with a 10/1000us
waveform,repetitive rate (duty cycle):0.01%.
- Uni and bidirectional unit.
- Excellent clamping capability.
- Very fast response time.
Mechanical data
- Case: Molded plastic.
- Epoxy: UL 94V-0 rate flame retardant.
- Lead: Solderable per
method 2026.
MIL-STD-750,
- Polarity: Color band denotes cathode end
except bipolar.
- Mounting position: Any.
Maximum Rating and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
2. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
SMD Transient Voltage Suppressor
Page 1
QW-BTV15
REV:E
Comchip Technology CO., LTD.
TV02W5V0-G Thru. TV02W191-G
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.1
- Weight: 0.016 grams(approx.).
Circuit Diagram
Uni-directional
Bi-directional
Dimensions in inches and (millimeter)
SOD-123
0.051 (1.30)
0.037 (0.95)
0.033 (0.85)
0.010 (0.25)
0.138 (3.50)
0.075 (1.90)
0.063 (1.60)
0.114 (2.90)
0.102 (2.60)
0.047 (1.20)
0.028 (0.70)
0.002 (0.05)
0.014 (0.35)
0.153 (3.90)
Company reserves the right to improve product design , functions and reliability without notice.
Parameter
Symbol
Value
Unit
Power dissipation on infinite heatsink at TL = 75°C
0.4
PD
W
200
W
PPP
Peak power dissipation at 10/1000µs waveform (Note 1)
1000
W
PPP
Peak power dissipation at 8/20µs waveform (Note 1)
Peak forward surge current, 8.3ms single half sone-wave
undirestional only (Note 2)
20
IFSM
A
A
Peak pulse current with a 10/1000µs waveform (Note 1)
See next table
IPP
Operating junction and storage temperature range
-55 to +150
TJ,TSTG
°C
Max.instantaneous forward voltage at 25A for
undirestional only
VF
3.5
V


Similar Part No. - TV02W8V5B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV02W8V5B-HF COMCHIP-TV02W8V5B-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV02W8V5B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com