Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7311S-DG-505X Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 7311S-DG-505X
Description  Simple Packaged Crystal Oscillator (SPXO) 7300 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

7311S-DG-505X Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  7311S-DG-505X Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
13A_0730_7311S-DG_e
Simple Packaged Crystal Oscillator (SPXO) 7300 Series
Model Name 7311S-DG
For SONET-, SDH-, and GbEthernet-related equipment
Main Application
● Low power supply voltage (3.3V)
● LVDS output level.
● Low phase jitter : Max. 1ps
● Compact with dimensions of 7.0 x 5.0 x 1.7 mm.
Features
mm
7.0 ± 0.1
5.08 ± 0.1
#1
#2
#4
#5
#6
#3
Land pattern (Typical)
1.4 ± 0.1
#1
#2
#3
#4
#5
#6
STAND-BY
N.C
GND
OUTPUT
OUTPUT
VCC
Terminal land connections
#4
#5
#6
#1
#2
#3
1.6
5.08
2.54
Cby=0.01 F
Dimensions
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
Standby Function Table (Three-state)
When ordering our products, specify them with an “Ordering
Code” that consists of the following:
Model name
Frequency
(up to 8 digits) M –
Number for
specifying an order
Example : When ordering +3.3 V,
Max. ±100×10−6/0 to 85 °C, 125 MHz
Ordering Code: 7311S-DG-104X-125M-NSA3346C
If you have any queries concerning our standard frequencies
and numbers for specifying orders, please contact our sales
representatives or visit our homepage (http://www.ndk.com/).
How to Specify an Order
Specifications
Model
Item
Classification
7311S
DG-255R
DG-505X
DG-104X
DG-505P
DG-104P
Nominal frequency range (MHz)
62.5 to 220
Supply voltage [VCC] (V)
+3.3 ± 10 %
Load resistance (Ω)
100 (Pad #4 - #5)
Current
consumption
During operation (mA)
Max. 60 (Typ. 43)
During standby (μA)
Max. 30
Output level
LVDS level (Complementary)
Operating temperature range (°C)
0 to +70
0 to +85
−40 to +85
Storage Temperature Range (°C)
−55 to +125
Frequency tolerance
Max. ±25×10−6
Max. ±50 ×10−6
Max. ±100 ×10−6
Max. ±50 ×10−6
Max. ±100 ×10−6
Symmetry (%)
45 to 55 (at 50% Waveform)
Phase jitter [ RMS ] (ps)
Max. 1 (12 kHz to 20 MHz)
Stand-by function [ Three-state ]
Available
Number for specifying an order
NSA3344C
NSA3345C
NSA3346C
NSA3345L
NSA3346L


Similar Part No. - 7311S-DG-505X

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-DG-505X NDK-7311S-DG-505X Datasheet
87Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO)
More results

Similar Description - 7311S-DG-505X

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-DF-505X NDK-7311S-DF-505X Datasheet
375Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-104P NDK-7311S-GF-104P Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-505P NDK-7311S-GF-505P Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-104X NDK-7311S-GF-104X Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-104X NDK-7311S-DF-104X Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505P NDK-7311S-DF-505P Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-505X NDK-7311S-GF-505X_15 Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GG-104P NDK-7311S-GG-104P Datasheet
375Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-255R NDK-7311S-DF-255R Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DG-104X NDK-7311S-DG-104X_15 Datasheet
375Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com