Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21145 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21145
Description  6.5 Gbps 80x80/160x160 Crosspoint Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21145 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21145 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21145 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21145,65-BRF-001-E.pdf
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Applications
HDMI, DVI, KVM, and Displayport switching equipment
SMPTE 424M, 292M, 344M, 259M, DVB-ASI (270 Mbps)
Digital video switchers/routers
DWDM routers
Backplane switching and signal conditioning
SONET/SDH systems and modules
Fibre channel systems
Gigabit Ethernet systems
XAUI systems
Wireless base-stations
Package (RoHS Compliant)
M21145: 35 mm, 1156 ball FCBGA
M21165: 45 mm, 1936 ball FCBGA
> Product Features
Fig. 3 - Routing Switcher Application Diagram
Fig. 4 - 6.5 Gbps Equalized After 40”
M21145/
M21165
Crosspoint
Backplane


Similar Part No. - M21145

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2114-2545-AL RAF-M2114-2545-AL Datasheet
86Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2114-3005-AL RAF-M2114-3005-AL Datasheet
92Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2114-3005-SS RAF-M2114-3005-SS Datasheet
90Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M21145

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
   6.5 Gbps 12x12 Crosspoint Switch
VSC3312YP VITESSE-VSC3312YP Datasheet
1Mb / 2P
   6.5 Gbps 12x12 Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
   6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com