Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02139 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M02139
Description  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02139 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description
02139-DSH-001-D
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
3.2
General Description
3.2.1
TIA (Transimpedance Amplifier)
The transimpedance amplifier consists of a high gain single-ended amplifier (TIA) with a feedback resistor. The
feedback creates a virtual low impedance at the input and nearly all of the input current passes through the
feedback resistor defining the voltage at the output. Advanced design techniques are employed to maintain the
stability of this stage across all input conditions.
An on-chip low dropout linear regulator has been incorporated into the design to give excellent noise rejection up to
several MHz.
The circuit is designed for PIN photodiodes with the anode connected to the input of the TIA and the cathode
connected to AC ground, such as the provided PINK terminal. Reverse DC bias is applied to reduce the photodiode
capacitance. PIN photodiodes and Avalanche photodiodes may also be connected externally to a voltage higher
than VCC. Care should be taken to correctly sequence the power supply to the externally biased photodiode so that
the bias voltage does not appear when the TIA is powered down. Doing so may cause damage to the input of the
TIA, as the photodiode bias can become capacitively coupled to the PIN input, and cause damage.
3.2.2
Output Stage
The signal from the TIA enters a phase splitter followed by a DC-shift stage and a pair of voltage follower outputs.
These are designed to drive a differential (100
Ω) load. They are stable for driving capacitive loads such as
interstage filters. Each output has its own GND pad; it is recommended but not required that all four GND pads on
the chip should be connected. Since the M02139 exhibits rapid roll-off (3 pole), no external filtering is necessary.
3.2.3
Offset Cancellation DC Servo
Due to the high gain of the M02139 transimpedance amplifier, any amount of input offset voltage would be
amplified and create distortion at the output. Therefore, an offset cancellation circuit is used to remove input offset.
The RC offset cancellation circuit sets the low frequency cutoff to 50 kHz.
3.2.4
Monitor O/P and Rate Select Between 1G and 10G Operations
The monitor is a high impedance output which sources an average photodiode current for alignment or power
monitoring use. This output is mirrored off the PINK current source, and PINK must be used to enable IMON
usage. If PINK is not used as in the case of externally biased PIN or APD detectors, then photo current must be
monitored via that external bias supply and the MON pin tied to high or low depending on the input data rate.
This output is compatible with the DDMI Receive Power Specification (SFP-8472). An interfacing example is shown
below where the M02139 is connected to the M0217x driver family General Purpose I/O (GPIO) and Rx Power
monitoring A/D. Ensure that the voltage on VMON is in the range of 0 to 2.0 V. Refer to Table 3-1 and Figure 3-2.
Table 3-1.
Selection of Rm for Maximum Input Current
IIN Max (mA)
Optical Power (dBm)
Rm (
Ω)
2+3
500
1
0
1000
0.5
-3
2000


Similar Part No. - M02139

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

Similar Description - M02139

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com