Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC0808 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC0808
Description  8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
Absolute Maximum Ratings (Notes 2, 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC) (Note 3)
6.5V
Voltage at Any Pin
−0.3V to (V
CC+0.3V)
Except Control Inputs
Voltage at Control Inputs
−0.3V to +15V
(START, OE, CLOCK, ALE, ADD A, ADD B, ADD C)
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Molded Chip Carrier Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 8)
400V
Operating Conditions (Notes 1, 2)
Temperature Range (Note 1)
T
MIN≤TA≤TMAX
ADC0808CCN,ADC0809CCN
−40˚C
≤T
A≤+85˚C
ADC0808CCV, ADC0809CCV
−40˚C
≤ T
A ≤ +85˚C
Range of V
CC (Note 1)
4.5 V
DC to 6.0 VDC
Electrical Characteristics
Converter Specifications: V
CC=5VDC=VREF+,VREF(−)=GND, TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0808
Total Unadjusted Error
25˚C
±12
LSB
(Note 5)
T
MIN to TMAX
±34
LSB
ADC0809
Total Unadjusted Error
0˚C to 70˚C
±1
LSB
(Note 5)
T
MIN to TMAX
±114
LSB
Input Resistance
From Ref(+) to Ref(−)
1.0
2.5
k
Analog Input Voltage Range
(Note 4) V(+) or V(−)
GND−0.10
V
CC+0.10
V
DC
V
REF(+)
Voltage, Top of Ladder
Measured at Ref(+)
V
CC
V
CC+0.1
V
Voltage, Center of Ladder
V
CC/2-0.1
V
CC/2
V
CC/2+0.1
V
V
REF(−)
Voltage, Bottom of Ladder
Measured at Ref(−)
−0.1
0
V
I
IN
Comparator Input Current
f
c=640 kHz, (Note 6)
−2
±0.5
2
µA
Electrical Characteristics
Digital Levels and DC Specifications: ADC0808CCN, ADC0808CCV, ADC0809CCN and ADC0809CCV, 4.75
≤V
CC≤5.25V,
−40˚C
≤T
A≤+85˚C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ANALOG MULTIPLEXER
I
OFF(+)
OFF Channel Leakage Current
V
CC=5V, VIN=5V,
T
A=25˚C
10
200
nA
T
MIN to TMAX
1.0
µA
I
OFF(−)
OFF Channel Leakage Current
V
CC=5V, VIN=0,
T
A=25˚C
−200
−10
nA
T
MIN to TMAX
−1.0
µA
CONTROL INPUTS
V
IN(1)
Logical “1” Input Voltage
V
CC−1.5
V
V
IN(0)
Logical “0” Input Voltage
1.5
V
I
IN(1)
Logical “1” Input Current
V
IN=15V
1.0
µA
(The Control Inputs)
I
IN(0)
Logical “0” Input Current
V
IN=0
−1.0
µA
(The Control Inputs)
I
CC
Supply Current
f
CLK=640 kHz
0.3
3.0
mA
www.national.com
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML2252μP Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer 1 2 3 4 5 MoreMicro Linear Corporation
ADC08168-Bit uP Compatible A/D Converters with 16-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
ML2258μP Compatible 8-Bit A/D Converter with 8-Channel Multiplexer 1 2 3 4 5 MoreMicro Linear Corporation
ADC08448-Bit uP Compatible A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC088318-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08318-Bit Serial I/O A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
TLV56318-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl