Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0806 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0806
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0806 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC0806 Datasheet HTML 2Page - National Semiconductor (TI) ADC0806 Datasheet HTML 3Page - National Semiconductor (TI) ADC0806 Datasheet HTML 4Page - National Semiconductor (TI) ADC0806 Datasheet HTML 5Page - National Semiconductor (TI) ADC0806 Datasheet HTML 6Page - National Semiconductor (TI) ADC0806 Datasheet HTML 7Page - National Semiconductor (TI) ADC0806 Datasheet HTML 8Page - National Semiconductor (TI) ADC0806 Datasheet HTML 9Page - National Semiconductor (TI) ADC0806 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =DR VD = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50%
duty cycle. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
PC
Power Consumption
DC Input
76
96
mW (max)
f
IN = 10 MHz, VIN =FS−3dB,
PD = Low
88
mW
CLK Low, PD = Hi
0.6
mW
PSRR
1
Power Supply Rejection Ratio
FSE change with 2.7V to 3.3V change
in V
A
54
dB
PSRR
2
Power Supply Rejection Ratio
SNR change with 200 mV at 200 kHz
on supply
45
dB
AC ELECTRICAL CHARACTERISTICS
f
C1
Maximum Conversion Rate
70
60
MHz (min)
f
C2
Minimum Conversion Rate
20
MHz
t
CL
Minimum Clock Low Time
6.7
ns (min)
t
CH
Minimum Clock High Time
6.7
ns (min)
t
OH
Output Hold Time
CLK Rise to Data Invalid
4.4
ns
t
OD
Output Delay
CLK Rise to Data Valid
8.2
12
ns (max)
Pipeline Delay (Latency)
2.5
Clock Cycles
t
AD
Sampling (Aperture) Delay
CLK Fall to Acquisition of Data
1.5
ns
t
AJ
Aperture Jitter
2
ps rms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, less than AGND or DR GND, or greater than VA or DR VD), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/ θJA. In the 24-pin
TSSOP,
θJA is 92˚C/W, so PDMAX = 1,358 mW at 25˚C and 435 mW at the maximum operating ambient temperature of 85˚C. Note that the power consumption of
this device under normal operation will typically be about 180 mW (88 mW quiescent power +12 mW reference ladder power). The values for maximum power
dissipation listed above will be reached only when the ADC08060 is operated in a severe fault condition (e.g., when input or output pins are driven beyond the power
supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not damage this device.
However, errors in the A/D conversion can occur if the input goes above DR VD or below GND by more than 100 mV. For example, if VA is 2.7VDC the full-scale input
voltage must be
≤2.6VDC to ensure accurate conversions.
20006207
Note 8: To guarantee accuracy, it is required that VA and DR VD be well bypassed. Each supply pin must be decoupled with separate bypass capacitors.
Note 9: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
www.national.com
6


Similar Part No. - ADC0806

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0806 NSC-ADC0806 Datasheet
307Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08060 NSC-ADC08060 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08060CIMT NSC-ADC08060CIMT Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060CIMT TI1-ADC08060CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
More results

Similar Description - ADC0806

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com