Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS45160FDB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS45160FDB
Description  COMPLEMENTARY NPN/PNP LOW VCETRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS45160FDB Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS45160FDB Datasheet HTML 1Page - Diodes Incorporated DSS45160FDB Datasheet HTML 2Page - Diodes Incorporated DSS45160FDB Datasheet HTML 3Page - Diodes Incorporated DSS45160FDB Datasheet HTML 4Page - Diodes Incorporated DSS45160FDB Datasheet HTML 5Page - Diodes Incorporated DSS45160FDB Datasheet HTML 6Page - Diodes Incorporated DSS45160FDB Datasheet HTML 7Page - Diodes Incorporated DSS45160FDB Datasheet HTML 8Page - Diodes Incorporated DSS45160FDB Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DSS45160FDB
Datasheet Number: DS37802 Rev.1 - 2
3 of 9
www.diodes.com
December 2015
© Diodes Incorporated
DSS45160FDB
Thermal Characteristics and Derating Information
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
Note 5 & 7
Note 6 & 7
Note 6 & 8
Note 5 & 8
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
30
60
90
120
150
180
210
240
270
300
330
T
amb
=25°C
See note 5 & 7
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0.1
1
10
100
Single Pulse
T
amb
=25°C
See note 5 & 7
Pulse Power Dissipation
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
See note 6 & 7
Pulse Power Dissipation
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
T
amb
=25°C
See note 6 & 7
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)


Similar Part No. - DSS45160FDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4540X DIODES-DSS4540X Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X-13 DIODES-DSS4540X-13 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS45160FDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD6717E6 DIODES-ZXTD6717E6 Datasheet
124Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
logo
Zetex Semiconductors
ZXTD6717E6 ZETEX-ZXTD6717E6 Datasheet
112Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
logo
STMicroelectronics
TIP41CN STMICROELECTRONICS-TIP41CN Datasheet
297Kb / 8P
   COMPLEMENTARY PNP-NPN DEVICES
May 2005 Rev. 1
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
   COMPLEMENTARY NPN/PNP TRANSISTOR
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
   SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Unisonic Technologies
BD2378 UTC-BD2378_15 Datasheet
105Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
MMDT3946 UTC-MMDT3946_15 Datasheet
131Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com