Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC358MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC358MS8G
Description  MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC358MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC358MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC358MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC358MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC358MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC358MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC358MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
15 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
Absolute Maximum Ratings
Outline Drawing
HMC358MS8G
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v02.0202
Vcc
3.5 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vtune
0 to 11V
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC.
SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: TIN/LEAD SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15 mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25 mm PER SIDE.
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
2.75
80
3.0
100
3.25
115


Similar Part No. - HMC358MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G Datasheet
259Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
logo
Analog Devices
HMC358MS8G AD-HMC358MS8G Datasheet
570Kb / 6P
   VSAT Radios
logo
Hittite Microwave Corpo...
HMC358MS8GE HITTITE-HMC358MS8GE Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
logo
Analog Devices
HMC358MS8GE AD-HMC358MS8GE Datasheet
570Kb / 6P
   VSAT Radios
More results

Similar Description - HMC358MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G_07 Datasheet
259Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC505LP4 HITTITE-HMC505LP4_08 Datasheet
233Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.8 - 7.4 GHz
HMC505LP4 HITTITE-HMC505LP4 Datasheet
337Kb / 6P
   MMIC VCO wl BUFFER AMPLIFIER, 6.8 - 7.4 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC416LP4 HITTITE-HMC416LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com