Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # A82
Description  Cascadable Amplifier 20 to 250 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A82 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  A82 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A82 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A82 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A82 / SMA82
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - A82

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A82 MACOM-A82 Datasheet
109Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A82 MACOM-A82 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82 MA-COM-A82 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A82-1 MACOM-A82-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Similar Description - A82

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com