Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK09916C Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK09916C
Description  3-axis Electronic Compass
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916C Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK09916C Datasheet HTML 4Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 5Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 6Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 7Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 8Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 9Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 10Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 11Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 8 -
9. Function Descriptions
9.1. Power States
When VDD is turned on from Vdd = OFF (0V), all registers in AK09916 are initialized by POR circuit and
AK09916 transits to Power-down mode.
Table 9.1. Power state
State
VDD
Power state
1
OFF (0V)
OFF
It doesn’t affect external interface.
2
1.65V to 1.95V
ON
9.2. Reset Functions
Power on Reset (POR) works until Vdd reaches to the operation effective voltage (about 1.1V: reference
value for design) on power-on sequence. After POR is completed, all registers are initialized and AK09916
transits to Power-down mode.
When Vdd = 1.65 to 1.95V, POR circuit is active.
AK09916 has two types of reset;
(1) Power on Reset (POR)
When Vdd rise is detected, POR circuit operates, and AK09916 is reset.
(2)
Soft reset
AK09916 is reset by setting SRST bit. When AK09916 is reset, all registers are initialized and
AK09916 transits to Power-down mode.


Similar Part No. - AK09916C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results

Similar Description - AK09916C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com