Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8999AW Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK8999AW
Description  Pressure Sensor Control IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8999AW Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK8999AW Datasheet HTML 1Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 2Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 3Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 4Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 5Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 6Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 7Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 8Page - Asahi Kasei Microsystems AK8999AW Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
CONFIDENTIAL
[AK8999A/AW/AD]
MS1600-E-00
2014/05
- 2 -
• Integrated constant voltage source for pressure sensor
: 2.2V @ VDD:3.0, 3.3V ± 10%, 4.0V or 2.2V @ VDD:5.0V ± 10%
• Integrated pressure threshold detectors (x2)
- Detection threshold adjustment control
Adjustment range
: 0.125*VDD to 0.9*VDD
Adjustment step
: 0.025*VDD /step
- Detection threshold external setting function (DET2/PTH pin use)
- Hysteresis voltage adjustment control
Adjustment range
: 0.03*VDD to 0.06*VDD
Adjustment step
: 0.01*VDD /step
• Integrated reference voltage & reference current generator
- VREF voltage adjustment control
Resolution
: 3bits
Adjustment step
: 1% /step
- VREF current adjustment control
Resolution
: 4bits
Adjustment step
: 2.8% /step typ.
• Temperature sensor (inter nal or external)
- Temperature range
: -40 to 105
C
- Internal temperature sensor output voltage adjustment control
Resolution
: 6 bits
Adjustment step
: 0.2% /step
- External temperature sensor output voltage adjustment control
Resolution
: 9 bits (Coarse=3bits, Fine=6bits)
Adjustment step
: Coarse 10% /step, Fine 0.2% /step
- Integrated external temperature sensor constant current circuit:±50μA typ.
• Integrated oscillator for intermittent operation (1000kHz typ.)
- Oscillating frequency adjustment control
Resolution
: 4 bits
Adjustment step
: 5% /step typ.
• Integrated EEPROM for compensation values and control data storage
- Size
: 135 bits
- Endurance
: 1,000 times or more
- Retention time
: 10 years or more @Ta: 105
C
• Supply Type
: Die (Tray), Wafer, PKG (UQFN16)
Product name
Supply Type
Description
AK8999A
PKG (UQFN16)
AK8999AW
Wafer
AK8999AD
Die (Tray)


Similar Part No. - AK8999AW

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8999A AKM-AK8999A Datasheet
1Mb / 68P
   Pressure Sensor Control IC
AK8999AD AKM-AK8999AD Datasheet
1Mb / 68P
   Pressure Sensor Control IC
More results

Similar Description - AK8999AW

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8999AD AKM-AK8999AD Datasheet
1Mb / 68P
   Pressure Sensor Control IC
logo
HuaXinAn Electronics CO...
AK8996W HUAXINAN-AK8996W Datasheet
1Mb / 71P
   Pressure Sensor Control IC
logo
Asahi Kasei Microsystem...
AK8999A AKM-AK8999A Datasheet
1Mb / 68P
   Pressure Sensor Control IC
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
   Pressure Sensor IC
logo
List of Unclassifed Man...
MLX90240 ETC-MLX90240 Datasheet
55Kb / 4P
   Pressure Sensor IC
logo
Rohm
BM1386GLV ROHM-BM1386GLV Datasheet
2Mb / 33P
   Pressure Sensor IC
BM1383AGLV ROHM-BM1383AGLV Datasheet
1Mb / 28P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com