Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A45 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # A45
Description  Cascadable Amplifier 1000 to 4000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A45 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  A45_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A45_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A45_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cascadable Amplifier
1000 to 4000 MHz
Rev. V3
A45 / SMA45
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - A45_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45-1 MACOM-A45-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MA-COM-A45-1 Datasheet
646Kb / 3P
   Cascadable Amplifier
A45-1-SMA45-1 MA-COM-A45-1-SMA45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A45_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com