Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A45 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A45
Description  Cascadable Amplifier 1000 to 4000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A45 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A45_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A45_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A45_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
1000 to 4000 MHz
Rev. V3
A45 / SMA45
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1000-4000
1000-4000
1000-4000
Small Signal Gain (min)
dB
17.5
16.5
15.5
Gain Flatness (max)
dB
±0.6
±0.8
±1.0
Reverse Isolation
dB
36
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
19.5
18.0
17.0
IP3
dBm
+29
IP2
dBm
+39
Second Order Harmonic IP
dBm
+44
VSWR Input / Output (max)
1.8:1 / 1.7:1
2.1:1 / 2.1:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
120
125
130
Features
 HIGH GAIN 17.5 dB (TYP.)
 LOW NOISE: 4.5 dB (TYP.)
 HIGH OUTPUT POWER: +19.5 dBm (TYP.)
 GaAs FET DESIGN
Description
The A45 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A45
TO-8
SMA45
Surface Mount
CA45 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+16 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
131ºC/W
Transistor Power Dissipation Pd
0.497 W
Junction Temperature Rise
Above Case Tjc
65ºC
* Over temperature performance limits for part number CA45, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A45_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45-1 MACOM-A45-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MA-COM-A45-1 Datasheet
646Kb / 3P
   Cascadable Amplifier
A45-1-SMA45-1 MA-COM-A45-1-SMA45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A45_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com