Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDUC5V0USP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDUC5V0USP-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUC5V0USP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDUC5V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDUC5V0USP-HF
SMD ESD Protection Diode
Page 1
QW-G7084
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
0603C/SOD-523F
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.030(0.75)
0.022(0.55)
0.018(0.45)
0.022(0.55)
0.016(0.40)
0.026(0.65)
0.001(0.02)
Max.
0.043(1.10)BSC
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
60
Operation temperature range
Tj
°C
Storage temperature range
TSTG
-55~+150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-55~+150
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Diode breakdown voltage
VBR
V
IT = 1mA
5.4
Reverse current
IR
uA
VRWM = 5V
1.0
Clamping voltage
VC
V
13
IPP = 1A, TP = 8/20us
IPP = 3A, TP = 8/20us
20
V
Working peak reverse voltage
VRWM
5
Peak pulse current
IPP
A
TP = 8/20us
3
TP = 8/20us
±15
Junction capacitance
0.9
CJ
pF
VR = 0V, f = 1MHz
Electrical Characteristics (at TA=25°C unless otherwise noted)
Forward voltage
VF
V
IF = 10mA
1.5
0.6
±8
Features
- Uni-directional ESD protection.
- Surface mount package.
- Low capacitance.
- High component density.
Mechanical data
- Case: 0603C/SOD-523F standard package,
molded plastic.
- Terminals:
, Solderable per
Matte tin plated
MIL-STD-750, method 2026.
- Marking Code: Cathode band & E5P
- Mounting position: Any.
- Weight: 0.003 grams(approx.).
- Low Leakage current.
Circuit diagram
0.1


Similar Part No. - CPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUC5V0U-HF COMCHIP-CPDUC5V0U-HF Datasheet
108Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com