Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2025-6001-06 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2025-6001-06
Description  Directional Couplers, Multi-Octave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2025-6001-06 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2025-6001-06 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2025-6001-06 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Directional Couplers,
Multi-Octave
Rev. V2
2025 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Flat Frequency Response
 Frequency Range: 0.5 - 18 GHz
 Multi-Octave Bandwidths
 Temperature Range: -54°C to +125°C
 Meets MIL-E-5400 Environments
Outline Drawing
Case
Style
A
Inch
(mm)
B
Inch
(mm)
C
Inch
(mm)
D
Inch
(mm)
E
Inch
(mm)
F
Inch
(mm)
G
Inch
(mm)
H
Inch
(mm)
Weight
oz
Weight
g
1
4.92 (125)
3.5 (89)
4.42 (112)
0.60 (15.2) 0.27 (6.73) 0.71 (18.1) 0.143 (3.63) 0.25 (6.4)
2.10
58.8
2
2.66( 67.6) 1.48 (37.6) 2.22 (56.4) 0.60 (15.2) 0.27 (6.73)
0.59 (15)
0.143 (3.63) 0.22 (5.59)
1.26
35.3
3
1.99 (50.5) 0.88 (22.2) 1.44 (36.6) 0.63 (15.9) 0.28 (7.11) 0.56 (14.2) 0.143 (3.63) 0.28 (7.06)
1.05
29.4
4
1.21 (30.7)
0.38 (9.7) 0.69 (17.6) 0.60 (15.2) 0.22 (5.56) 0.42 (10.6) 0.104 (2.64) 0.26 (6.55)
0.74
20.7
5
1.16 (29.5) 0.50 (12.7) 0.65 (16.5) 0.57 (14.4) 0.25 (6.35) 0.33 (8.33) 0.104 (2.64) 0.25 (6.45)
0.69
19.3
Mechanical Specifications
Specifications
*Reference to output port for use as leveling coupler.
Part Number Case
Style
Freq.
Range
(GHz)
Coupling
(Include.
Freq.
Sens.(dB)
Freq.
Sens.
(dB)
Insertion
Loss Max
(dB)
Direct.
Min.
(dB)
VSWR
Max
Prim
Line
VSWR
Max
Sec
Line
Power
(Input)
Avg.
In. (w)
Power
(Input)
Avg.
Refl.
(W)
Power
(Input)
Pk.
(kW)
2025-6001-06
2025-6002-10
2025-6003-16
2025-6004-20
1
1
1
1
0.5-2.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.4
0.35
0.3
0.3
18
18
22
22
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
50
50
50
50
4
10
40
50
4
4
4
4
2025-6005-06
2025-6006-10
2025-6007-16
2025-6008-20
2
2
2
2
1.0-4.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.35
0.3
0.3
0.3
18
18
22
22
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
50
50
50
50
4
10
40
50
4
4
4
4
2025-6009-06
2025-6010-10
2025-6012-20
3
3
3
2.0-8.4
6 ± 1.0
10 ± 1.0
20 ± 1.0
±0.3
±0.3
±0.3
0.4
0.35
0.35
18
18
20
1.25
1.25
1.25
1.25
1.25
1.25
50
50
50
50
4
10
50
4
4
4
4
2025-6013-06
2025-6014-10
2025-6015-16
2025-6016-20
4
4
4
4
4.0-12.4
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.5
0.5
0.5
0.5
15
15
15
15
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
50
50
50
50
4
10
40
50
4
4
4
4
2025-6017-06
2025-6018-10
2025-6019-16
2025-6020-20
5
5
5
5
6.0-18.0
6 ± 1.0
10 ± 1.0
16 ± 1.0*
20 ± 1.0
±0.4
±0.4
±0.4
±0.4
0.7
0.6
0.6
0.6
15
16
16
15
1.40
1.40
1.40
1.40
1.40
1.40
1.40
1.40
50
50
50
50
4
10
40
50
4
4
4
4


Similar Part No. - 2025-6001-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2025-6001-06 MACOM-2025-6001-06 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025-6001-06 MA-COM-2025-6001-06 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025-6001-06 MA-COM-2025-6001-06 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
More results

Similar Description - 2025-6001-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com