Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49003A Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C49003A
Description  PCIe Gen 2 Networking Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003A Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C49003A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49003A Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PI6C49003A
PCIe® Gen 2 Networking Clock Generator
www.pericom.com
11/11/14
All trademarks are property of their respective owners.
Crystal Load Capacitors
If an input crystal is used, crystal should be connected from pins X1 to ground and X2 to ground to optimize the accuracy of the
output frequency.
CL = Crystal's load capacitance in pF
Crystal Capacitors (pF) = (CL - 8) *2
For example, for a crystal with a 18pF load cap, each external crystal cap would be 18pF. (18 - 8) *2 =18.
Application Notes
Crystal circuit connection
The following diagram shows PI6LC4830-01 crystal circuit connection with a parallel crystal. For the CL=18pF crystal, it is suggest-
ed to use C1= 27pF, C2= 33pF. C1 and C2 can be adjusted to fine tune to the target ppm of crystal oscillator according to different
board layouts.
C1
27pF
Crystal�(C
L�=�18pF)
C2
33pF
XTAL_IN
XTAL_OUT
SaRonix-eCera
CG2500003
Crystal Oscillator Circuit
Recommended Crystal Specification
Pericom recommends:
a)GC2500003XTAL49S/SMD(4.0mm),25M,CL=18pF,+/-30ppm,http://www.pericom.com/pdf/datasheets/se/GC_GF.pdf
b)FY2500081,SMD5x3.2(4P),25M,CL=18pF,+/-30ppm,http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
c)FL2500047,SMD3.2x2.5(4P),25M,CL=18pF,+/-20ppm,http://www.pericom.com/pdf/datasheets/se/FL.pdf
Configuration test load board termination for HCSL Outputs
Rs
33
5%
Rs
33
5%
Rp
49.9
1%
475
1%
Rp
49.9
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
PI6C49003A
Figure 4. Configuration Test Load Board Termination
14-0198


Similar Part No. - PI6C49003A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003AE PERICOM-PI6C49003AE Datasheet
289Kb / 12P
   Networking Clock Generator
More results

Similar Description - PI6C49003A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
   PCIe Gen 2 Networking Clock Generator
logo
Silicon Laboratories
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
   EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
   2-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
   2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
   Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com