Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C48535-11BLIE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C48535-11BLIE
Description  3.3V Low Jitter 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48535-11BLIE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C48535-11BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI6C48535-11B
3.3V Low Jitter 1-to-4
Crystal/LVCMOS to LVPECL Fanout Buffer
2
www.pericom.com
PI6C48535-11B Rev A
06/01/12
Pin Description
Name
Pin #
Type
Description
VEE
1
P
ConnecttoNegativepowersupply
CLK_EN
2
I_PU
Synchronizingclockenable.Whenhigh,clockoutputsfollowclockinput.Whenlow,Qx
outputsareforcedlow,nQxoutputsareforcedhigh.LVCMOS/LVTTLlevelwith50KΩ
pullup.
CLK_SEL
3
I_PD
Clockselectinput.Whenhigh,selectsXtal(Xtal1,Xtal2)inputs.Whenlow,selectsCLK
input.LVCMOS/LVTTLlevelwith50KΩpulldown.
CLK
4
I_PD
LVCMOS/LVTTLclockinput
Xtal1,
Xtal2
6,7
Crystalinputandoutput
NC
5,8,9
Nointernalconnection.
VDD
10,13,
18
P
Connectto3.3V
Q3,nQ3
11,12
O
Differentialoutputpair,LVPECLinterfacelevel.
Q2,nQ2
14,15
O
Differentialoutputpair,LVPECLinterfacelevel.
Q1,nQ1
16,17
O
Differentialoutputpair,LVPECLinterfacelevel.
Q0,nQ0
19,20
O
Differentialoutputpair,LVPECLinterfacelevel.
Notes:
1. I=Input,O=Output,P=Powersupplyconnection,I_PD=Inputwithpulldown,I_PU=Inputwithpullup
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
InputCapacitance
4
pF
R_pullup
InputPullupResistance
50
KΩ
R_pulldown
InputPulldownResistance
50
KΩ
Control Input Function Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
nQ0:nQ3
0
0
CLK
Diasbled:Low
Diasbled:High
0
1
Xtal1,Xtal2
Disabled:Low
Disabled:High
1
0
CLK
Enabled
Enabled
1
1
Xtal1,Xtal2
Enabled
Enabled
Notes:
1. AfterCLK_ENswitches,theclockoutputsaredisabledorenabledfollowingarisingandfallinginputclockedgeasshowbelow.
12-0203


Similar Part No. - PI6C48535-11BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11C PERICOM-PI6C48535-11C Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11CLIE PERICOM-PI6C48535-11CLIE Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11CLIEX PERICOM-PI6C48535-11CLIEX Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11LE PERICOM-PI6C48535-11LE Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48535-11BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com