Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C20800SIAE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C20800SIAE
Description  PCI Express 1:8 HCSL Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800SIAE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C20800SIAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20800SIAE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8887D
03/29/10
PI6C20800S
PCI Express® 1:8
HCSL Clock Buffer
AC Switching Characteristics(1,2,3) (VDD=3.3±5%,VDD_A=3.3±5%)
Symbol
Parameters
Min
Max.
Units
Notes
Fin
SRC/SRC#InputFrequencyPLLMode
95
105
MHz
6
SRC/SRC#InputFrequencyBypassMode
95
400
MHz
6
Trise/Tfall
RiseandFallTime(measuredbetween0.175Vto0.525V)
175
700
ps
2
Δ
Trise/
Δ
Tfall
RiseandFallTimeVariation
125
2
Tpd
InputtoOutputPropagationDelay
PLLMode
PI6C20800S
-250
250
ps
PI6C20800SI
-400
400
BypassMode
PI6C20800S
2.5
6.5
ns
PI6C20800SI
2.5
7.5
Tskew
Output-to-OutputSkew(PI6C20800S)
50
ps
3
Output-to-OutputSkew(PI6C20800SI)
60
3
VHIGH
VoltageHIGH(Measuredat100MHz@3.3V)
660
850
mV
2
VOVS
Max.Voltage
1150
VUDS
Min.Voltage
-300
VLOW
VoltageLOW
-150
+150
2
Vcross
Absolutecrossingpoingvoltages
250
550
2
Δ
Vcross
TotalVariationofVcrossoveralledges
140
2
TDC
DutyCycle(Measuredat100MHz)
45
55
%
3
Tjcyc-cyc
Jitter,Cycle-to-cycle(PLLMode,Measurementfordifferential
waveform)
50
ps
4
Jitter,Cycle-to-cycle(BYPASSmodeasadditivejitter)
Jadd
AdditiveRMSphasejitterforPCIe2.0
<0
1
ps
5
Configuration Test Load Board Termination
475Ω
1%
49.9Ω
1%
Rp
49.9Ω
1%
Rp
33Ω
5%
Rs
33Ω
5%
Rs
PI6C20800S
or
PI6C20800SI
TLA
TLB
OUT
OUT#
2pF
5%
2pF
5%
Notes:
1. TestconfigurationisRS=33.2Ω,Rp=49.9Ω,and2pF.
2. MeasurementtakenfromSingleEndedwaveform.
3. MeasurementtakenfromDifferentialwaveform.
4. MeasuredusingM1timinganalyzerfromAmherst.
5.AdditivejitteriscalculatedfrominputandoutputRMSphasejitterbyusingPCIe2.0filter.(Jadd=√(outputjitter)2–(inputjitter)2)
6. –0.5%downnspreadinput
10-0150


Similar Part No. - PI6C20800SIAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800SAE PERICOM-PI6C20800SAE Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800SVE PERICOM-PI6C20800SVE Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
More results

Similar Description - PI6C20800SIAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
   HCSL Compatible Clock Generator for PCI Express
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
   Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
   Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
   Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com