Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC326MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC326MS8
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC326MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC326MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC326MS8G
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz
v04.1203
General Description
Features
Functional Diagram
The HMC326MS8G is a high efficiency GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC driver
amplifier which operates between 3.0 and 4.5 GHz.
The amplifier is packaged in a low cost, surface mount
8 leaded package with an exposed base for improved
RF and thermal performance. The amplifier provides
21 dB of gain and +26 dBm of saturated power from
a +5.0V supply voltage. Power down capability is
available to conserve current consumption when the
amplifier is not in use. Internal circuit matching was
optimized to provide greater than 40% PAE.
Psat Output Power: +26 dBm
> 40% PAE
Output IP3: +36 dBm
High Gain: 21 dB
Vs: +5.0V
Ultra Small Package: MSOP8G
Electrical Specifications, T
A = +25° C, Vs = 5V, Vpd = 5V
Typical Applications
The HMC326MS8G is ideal for:
• Microwave Radios
• Broadband Radio Systems
• Wireless Local Loop Driver Amplifier
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3.0 - 4.5
GHz
Gain
18
21
dB
Gain Variation Over Temperature
0.025
0.035
dB / °C
Input Return Loss
12
dB
Output Return Loss
7dB
Output Power for 1dB Compression (P1dB)
21
23.5
dBm
Saturated Output Power (Psat)
26
dBm
Output Third Order Intercept (IP3)
32
36
dBm
Noise Figure
5dB
Supply Current (Icc)
Vpd = 0V / 5V
0.001 / 130
mA
Control Current (Ipd)
7mA
Switching Speed
tOn/tOff
10
ns


Similar Part No. - HMC326MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
   Wireless Local Loop Driver Amplifier
HMC326MS8G AD-HMC326MS8G Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results

Similar Description - HMC326MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
   GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com