Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC326MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC326MS8
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC326MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC326MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC326MS8G
v04.1203
Evaluation PCB
The circuit board used in the final application should use RF
circuit design techniques. Signal lines should have 50 ohm
impedance while the package ground leads and exposed
paddle should be connected directly to the ground plane
similar to that shown. A sufficient number of VIA holes
should be used to connect the top and bottom ground
planes. The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board shown is
available from Hittite upon request.
List of Material
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz
Item
Description
J1 - J2
PC Mount SMA RF Connector
J3
2mm DC Header
C1 - C2
330 pF Capacitor, 0603 Pkg.
C3
0.7 pF Capacitor, 0603 Pkg.
C4
3.0 pF Capacitor, 0402 Pkg.
C5
2.2 µF Capacitor, Tantalum
L1
3.3 nH Inductor, 0805 Pkg.
U1
HMC326MS8G Amplifier
PCB*
104106 Eval Board
*Circuit Board Material: Rogers 4350


Similar Part No. - HMC326MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
   Wireless Local Loop Driver Amplifier
HMC326MS8G AD-HMC326MS8G Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results

Similar Description - HMC326MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G_09 Datasheet
226Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
   GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com