Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C20800 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C20800
Description  1:8 Clock Driver for Intel PCI Express Chipsets
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C20800_12 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20800_12 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8746G
05/14/12
PI6C20800
1:8 Clock Driver for Intel
PCI Express® Chipsets
Current-mode output buffer characteristics of OUT[0:7], OUT[0:7]#
Figure 9. Simplified diagram of current-mode output buffer
Differential Clock Buffer characteristics
Symbol
Minimum
Maximum
RO
3000Ω
N/A
ROS
unspecified
unspecified
VOUT
N/A
850mV
Current Accuracy
Symbol
Conditions
Configuration
Load
Min.
Max.
IOUT
VDD=3.30±5%
RREF=475Ω1%
IREF=2.32mA
Nominaltestloadforgiven
configuration
-12%
INOMINAL
+12%
INOMINAL
Note:
1. INOMINALreferstotheexpectedcurrentbasedontheconfigurationofthedevice.
Differential Clock Output Current
Board Target Trace/Term Z
Reference R, Iref = VDD/(3xRr)
Output Current
VOH @ Z
100Ω
(100Ωdifferential≈15%couplingratio)
RREF=475Ω1%,
IREF=2.32mA
IOH=6xIREF
0.7V@50
0V
IOUT
0.85V
Slope ~ 1/Rs
RO
ROS
VOUT = 0.85V max
Iout
VDD
(3.3V ± 5%)
12-0205


Similar Part No. - PI6C20800_12

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800AE PERICOM-PI6C20800AE Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
PI6C20800BAE PERICOM-PI6C20800BAE Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
PI6C20800BIAE PERICOM-PI6C20800BIAE Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
More results

Similar Description - PI6C20800_12

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C21200 PERICOM-PI6C21200 Datasheet
674Kb / 15P
   1:12 Clock Driver for Intel PCI-Express Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
   1 4 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
   1 12 Clock Driver for Intel PCIe Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
   1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400B PERICOM-PI6C20400B Datasheet
876Kb / 11P
   1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PI6PCIEB24 PERICOM-PI6PCIEB24 Datasheet
639Kb / 7P
   1:4 PCI Express Clock Driver
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com