Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65263QRHBTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263QRHBTQ1
Description  Output Current Triple Synchronous Step-Down Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263QRHBTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65263QRHBTQ1 Datasheet HTML 1Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 2Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 3Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 4Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 5Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 6Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 7Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 8Page - Texas Instruments TPS65263QRHBTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
5
6
9
10
11
12
13
14
24
23
22
21
20
19
32
31
30
29
28
27
BST1
PGND1
LX1
VIN
V7V
PVIN1
BST2
LX2
PVIN2
PVIN3
LX3
Thermal Pad
15
26
7
18
8
BST3
16
17
25
EN1
PGND3
PGND2
EN2
TPS65263-Q1
www.ti.com
SLVSCS9C – DECEMBER 2014 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
RHB Package
32-Pin VQFN
Top View
There is no electric signal down bonded to thermal pad inside IC. Exposed thermal pad must be soldered to PCB for
optimal thermal performance.
Pin Functions
PIN
DESCRIPTION
NAME
NO.
EN3
1
Enable for buck3. Float to enable. Can use this pin to adjust the input UVLO of buck3 with a resistor divider.
SDA
2
I2C interface data pin; float or connect to GND to disable I2C communication
SCL
3
I2C interface clock pin; float or connect to GND to disable I2C communication
Analog ground common to buck controllers and other analog circuits. It must be routed separately from high-current
AGND
4
power grounds to the (–) terminal of bypass capacitor of input voltage VIN.
VOUT2
5
Buck2 output voltage sense pin
FB2
6
Feedback Kelvin sensing pin for buck2 output voltage. Connect this pin to buck2 resistor divider.
Error amplifier output and loop compensation pin for buck2. Connect a series resistor and capacitor to compensate the
COMP2
7
control loop of buck2 with peak current PWM mode.
Soft-start and tracking input for buck2. An internal 5.2-µA pullup current source is connected to this pin. The soft-start
SS2
8
time can be programmed by connecting a capacitor between this pin and ground.
Boot-strapped supply to the high-side floating gate driver in buck2. Connect a capacitor (recommend 47 nF) from BST2
BST2
9
pin to LX2 pin.
Switching node connection to the inductor and bootstrap capacitor for buck2. The voltage swing at this pin is from a
LX2
10
diode voltage below the ground up to PVIN2 voltage.
Power ground connection of buck2. Connect PGND2 pin as close as practical to the (–) terminal of VIN2 input ceramic
PGND2
11
capacitor.
Input power supply for buck2. Connect PVIN2 pin as close as practical to the (+) terminal of an input ceramic capacitor
PVIN2
12
(suggest 10 µF).
Input power supply for buck3. Connect PVIN3 pin as close as practical to the (+) terminal of an input ceramic capacitor
PVIN3
13
(suggest 10 µF).
Power ground connection of buck3. Connect PGND3 pin as close as practical to the (–) terminal of VIN3 input ceramic
PGND3
14
capacitor.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65263-Q1


Similar Part No. - TPS65263QRHBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI-TPS65263 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65263 TI1-TPS65263 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263QRHBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com