Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201
Description  Ultra-LDO With Programmable Soft-Start
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201 Datasheet(HTML) 3 Page - Texas Instruments

  TPS74201 Datasheet HTML 1Page - Texas Instruments TPS74201 Datasheet HTML 2Page - Texas Instruments TPS74201 Datasheet HTML 3Page - Texas Instruments TPS74201 Datasheet HTML 4Page - Texas Instruments TPS74201 Datasheet HTML 5Page - Texas Instruments TPS74201 Datasheet HTML 6Page - Texas Instruments TPS74201 Datasheet HTML 7Page - Texas Instruments TPS74201 Datasheet HTML 8Page - Texas Instruments TPS74201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB/SNS
TPS742xx
6
7
8
9
10
20
19
18
17
16
GND
OUT
GND BIAS
IN
FB/
SNS
SS
1
2
3 4
5 6
EN
7
TPS74201
www.ti.com
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
RGW PACKAGE
KTW PACKAGE
20-Pin VQFN with Exposed Thermal Pad
7-Pin DDPAK/TO-263
Top View
SURFACE-MOUNT
Pin Functions
PIN
I/O
DESCRIPTION
DDPAK/TO-
NAME
VQFN
263
BIAS
6
10
I
Bias input voltage for error amplifier, reference, and internal control circuits.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts
EN
7
11
I
the regulator into shutdown mode. This pin must not be left floating.
This pin is the feedback connection to the center tap of an external resistor
FB
2
16
I
divider network that sets the output voltage. This pin must not be left floating.
(Adjustable version only.)
GND
4
12
Ground
IN
5
5,6,7,8
I
Unregulated input to the device.
2, 3,4,
No connection. This pin can be left floating or connected to GND to allow better
NC
O
13,14,17
thermal contact to the top-side plane.
OUT
3
1, 18, 19, 20
O
Regulated output voltage. No capacitor is required on this pin for stability.
PAD/TAB
Should be soldered to the ground plane for increased thermal performance.
Power-Good (PG) is an open-drain, active-high output that indicates the status
of VOUT. When VOUT exceeds the PG trip threshold, the PG pin goes into a
high-impedance state. When VOUT is below this threshold the pin is driven to a
PG
9
O
low-impedance state. A pullup resistor from 10 k
Ω to 1 MΩ should be
connected from this pin to a supply up to 5.5 V. The supply can be higher than
the input voltage. Alternatively, the PG pin can be left floating if output
monitoring is not necessary.
This pin is the sense connection to the load device. This pin must be
SNS
2
16
I
connected to VOUT and must not be left floating. (Fixed versions only.)
Soft-Start pin. A capacitor connected on this pin to ground sets the start-up
SS
1
15
time. If this pin is left floating, the regulator output soft-start ramp time is
typically 100
μs.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS74201


Similar Part No. - TPS74201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201KTWR TI-TPS74201KTWR Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201KTWRG3 TI-TPS74201KTWRG3 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201KTWT TI-TPS74201KTWT Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201KTWTG3 TI-TPS74201KTWTG3 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com