Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65263QRHBRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263QRHBRQ1
Description  Output Current Triple Synchronous Step-Down Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263QRHBRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65263QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 9Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 10Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 11Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 12Page - Texas Instruments TPS65263QRHBRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TJ (qC)
-50
-30
-10
10
30
50
70
90
110
130
460
480
500
520
540
D012
TJ (qC)
-50
-30
-10
10
30
50
70
90
110
130
5
7
9
11
13
15
D013
Input Voltage (V)
4
6
8
10
12
14
16
18
2.49
2.495
2.5
2.505
2.51
D010
IOUT 0.1 A
IOUT 1A
IOUT 2A
TJ (qC)
-50
-30
-10
10
30
50
70
90
110
130
0.594
0.596
0.598
0.6
0.602
0.604
0.606
D011
Input Voltage (V)
4
6
8
10
12
14
16
18
1.49
1.495
1.5
1.505
1.51
D008
IOUT 0.1 A
IOUT 1.5 A
IOUT 3 A
Input Voltage (V)
4
6
8
10
12
14
16
18
1.19
1.195
1.2
1.205
1.21
D009
IOUT 0.1 A
IOUT 1 A
IOUT 2 A
TPS65263-Q1
www.ti.com
SLVSCS9C – DECEMBER 2014 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
TA = 25°C, VIN = 12 V, VOUT1 = 1.5 V, VOUT2 = 1.2 V, VOUT3 = 2.5 V, FSW = 500 kHz (unless otherwise noted)
Figure 7. BUCK1, Line Regulation
Figure 8. BUCK2, Line Regulation
Figure 9. BUCK3, Line Regulation
Figure 10. Voltage Reference vs Temperature
VIN = 12 V
ROSC = 88.7 k
Ω
Figure 12. Shutdown Quiescent Current vs Temperature
Figure 11. Oscillator Frequency vs Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65263-Q1


Similar Part No. - TPS65263QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI-TPS65263 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65263 TI1-TPS65263 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com