Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65263-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263-Q1
Description  Output Current Triple Synchronous Step-Down Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65263-Q1 Datasheet HTML 1Page - Texas Instruments TPS65263-Q1 Datasheet HTML 2Page - Texas Instruments TPS65263-Q1 Datasheet HTML 3Page - Texas Instruments TPS65263-Q1 Datasheet HTML 4Page - Texas Instruments TPS65263-Q1 Datasheet HTML 5Page - Texas Instruments TPS65263-Q1 Datasheet HTML 6Page - Texas Instruments TPS65263-Q1 Datasheet HTML 7Page - Texas Instruments TPS65263-Q1 Datasheet HTML 8Page - Texas Instruments TPS65263-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TPS65263-Q1
www.ti.com
SLVSCS9C – DECEMBER 2014 – REVISED NOVEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
PVIN1, PVIN2, PVIN3,VIN
–0.3
20
V
LX1, LX2, LX3 (Maximum withstand voltage transient < 20 ns)
–1.0
20
V
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.3
7
V
EN1, EN2, EN3, V7V, VOUT2, SCL, SDA, PGOOD
–0.3
7
V
FB1, FB2, FB3, COMP1 , COMP2, COMP3, ROSC, SS1, SS2, SS3
–0.3
3.6
V
AGND, PGND1, PGND2, PGND3
–0.3
0.3
V
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all -2000 2000 pins (1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
PVIN1, PVIN2, PVIN3,VIN
4
18
V
LX1, LX2, LX3 (Maximum withstand voltage transient <20 ns)
–0.8
18
V
BST1, BST2, BST3 referenced to LX1, LX2, LX3 pins respectively
–0.1
6.8
V
EN1, EN2, EN3, V7V, VOUT1, VOUT2, VOUT3, SCL, SDA
–0.1
6.3
V
FB1, FB2, FB3, COMP1 , COMP2, COMP3, SS1, SS2, SS3
–0.1
3
V
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS65263-Q1
THERMAL METRIC(1)
RHB (VQFN)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
33.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.7
°C/W
RθJB
Junction-to-board thermal resistance
7.4
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65263-Q1


Similar Part No. - TPS65263-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com