Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38513S-1.8 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38513S-1.8
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513S-1.8 Datasheet(HTML) 1 Page - Texas Instruments

  LP38513S-1.8 Datasheet HTML 1Page - Texas Instruments LP38513S-1.8 Datasheet HTML 2Page - Texas Instruments LP38513S-1.8 Datasheet HTML 3Page - Texas Instruments LP38513S-1.8 Datasheet HTML 4Page - Texas Instruments LP38513S-1.8 Datasheet HTML 5Page - Texas Instruments LP38513S-1.8 Datasheet HTML 6Page - Texas Instruments LP38513S-1.8 Datasheet HTML 7Page - Texas Instruments LP38513S-1.8 Datasheet HTML 8Page - Texas Instruments LP38513S-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OUT
IN
GND
LP38513
VIN
VOUT
EN
VEN
10 k:
ERROR
VERROR
CIN
10 PF
Ceramic
COUT
10 PF
Ceramic
GND
GND
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LP38513
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
LP38513 3-A Fast Response Ultra-Low Dropout Linear Regulator
1 Features
3 Description
The LP38513 fast-response ultra-low dropout linear
1
Input Supply Voltage 2.25 V to 5.5 V
regulator operates from a 2.25-V to 5.5-V input
Conversions from 2.5-V Rail to 1.8-V Rail
supply. This device responds very quickly to step
Stable with Ceramic Capacitors
changes in line or load conditions, making it suitable
for
low-voltage
microprocessor
applications.
Low Ground Pin Current
Developed on a CMOS process, with a PMOS pass
Load Regulation of 0.1% for 10 mA to 3-A Load
transistor, the LP38513 has low quiescent-current
Current
operation independent of the output load current.
60-
μA Typical Quiescent Current in Shutdown
Ground Pin Current: Typically 12 mA at 3-A load
Mode
current.
Specified Output Current of 3 A
Disable Mode: Typically 60 µA quiescent current
when the enable (EN) pin is pulled low.
Specified VOUT Accuracy of ±2.6% With
ERROR Flag: The ERROR flag goes low if VOUT
TJ from 0°C to +125°C
falls more than typically 15% below the nominal
ERROR Flag Indicates VOUT Status
value.
Overtemperature and Overcurrent Protection
Precision
Output
Voltage:
A
specified
VOUT
−40°C to +125°C Operating TJ Range
accuracy of ±2.6% with TJ from 0°C to 125°C.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Microprocessor Power Supplies
TO-220 (5)
14.986 mm × 10.16 mm
GTL, GTL+, BTL, and SSTL Bus Terminators
LP38513
DDPAK/TO-263 (5) 10.16 mm × 8.42 mm
Power Supplies for DSPs
(1) For all available packages, see the orderable addendum at
SCSI Terminator
the end of the data sheet.
Post Regulators
Battery Chargers
Other Battery Powered Applications
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38513S-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38513S-1.8 NSC-LP38513S-1.8 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
More results

Similar Description - LP38513S-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulator
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com