Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM73605 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM73605
Description  5A Synchronous Step-Down Voltage Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73605 Datasheet(HTML) 2 Page - Texas Instruments

  LM73605 Datasheet HTML 1Page - Texas Instruments LM73605 Datasheet HTML 2Page - Texas Instruments LM73605 Datasheet HTML 3Page - Texas Instruments LM73605 Datasheet HTML 4Page - Texas Instruments LM73605 Datasheet HTML 5Page - Texas Instruments LM73605 Datasheet HTML 6Page - Texas Instruments LM73605 Datasheet HTML 7Page - Texas Instruments LM73605 Datasheet HTML 8Page - Texas Instruments LM73605 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM73605
SNVSAH5 – NOVEMBER 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 5
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 5
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 5
3
Description ............................................................. 1
6.4
Glossary .................................................................... 5
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Pin Configuration and Functions ......................... 3
Information ............................................................. 6
6
Device and Documentation Support.................... 5
4 Revision History
DATE
REVISION
NOTES
November 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM73605


Similar Part No. - LM73605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
1Mb / 53P
[Old version datasheet]   LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605 TI-LM73605 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM73605

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
   7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Texas Instruments
TPS54334 TI1-TPS54334_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Step-Down Voltage Converter
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
   5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA3555 ETA-ETA3555 Datasheet
169Kb / 1P
   5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com