Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24232RGTTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24232RGTTG4
Description  USB-Friendly Lithium-Ion Battery Charger
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24232RGTTG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24232RGTTG4 Datasheet HTML 1Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 2Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 3Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 4Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 5Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 6Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 7Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 8Page - Texas Instruments BQ24232RGTTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
IN
VSS
BAT
DC
GND
Adaptor
bq24230
OUT
EN2
TS
TEMP
PACK+
PACK-
SYSTEM
TD
13
8
15
1
2
3
5
10
11
1mF
4.7mF
1 k
2.94 k
1 k
4.32 k
4.7mF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24230, bq24232
SLUS821I – OCTOBER 2008 – REVISED NOVEMBER 2015
bq2423x USB-Friendly Lithium-Ion Battery Charger And Power-Path Management IC
The
bq2423x
features
dynamic
power-path
1 Features
management (DPPM) that powers the system while
1
Fully Compliant USB Charger
simultaneously
and
independently
charging
the
Selectable 100-mA and 500-mA Maximum
battery. The DPPM circuit reduces the charge current
Input Current
when the input current limit causes the system output
to fall to the DPPM threshold, thus supplying the
100-mA Maximum Current Limit Ensures
system load at all times while monitoring the charge
Compliance to USB-IF Standard
current separately. This feature reduces the number
Input-based Dynamic Power Management
of charge and discharge cycles on the battery, allows
(VIN- DPM) for Protection Against Poor USB
for proper charge termination, and enables the
Sources
system to run with a defective or absent battery pack.
Additionally, this enables instant system turn-on even
28-V Input Rating With Overvoltage Protection
with a totally discharged battery. The power-path
Integrated Dynamic Power-Path Management
management architecture also permits the battery to
(DPPM) Function Simultaneously and
supplement the system current requirements when
Independently Powers the System and Charges
the adapter cannot deliver the peak system currents,
the Battery
enabling the use of a smaller adapter.
Supports up to 500-mA Charge Current With
The battery is charged in three phases: conditioning,
Current Monitoring Output (ISET)
constant current, and constant voltage. In all charge
Programmable Input Current Limit up to 500 mA
phases, an internal control loop monitors the IC
for Wall Adapters
junction temperature and reduces the charge current
if the internal temperature threshold is exceeded.
Programmable Termination Current (bq24232)
Programmable Precharge and Fast-Charge Safety
The charger power stage and charge current sense
functions are fully integrated. The charger function
Timers
has high-accuracy current and voltage regulation
Reverse Current, Short-Circuit, and Thermal
loops, charge status display, and charge termination.
Protection
The input current limit and charge current are
NTC Thermistor Input
programmable using external resistors.
Proprietary Start-Up Sequence Limits Inrush
Device Information(1)
Current
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Status Indication – Charging/Done, Power Good
bq24230
Small 3 mm × 3 mm 16-Lead QFN Package
VQFN (16)
3.00 mm × 3.00 mm
bq24232
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Bluetooth™ Devices
Low-Power Handheld Devices
Typical Application Circuit
3 Description
The bq2423x series of devices are highly integrated
Li-ion
linear
chargers
and
system
power-path
management
devices
targeted
at
space-limited
portable applications. The devices operate from either
a USB port or ac adapter and support charge
currents between 25 mA and 500 mA. The high-input-
voltage
range
with
input
overvoltage
protection
supports low-cost, unregulated adapters. The USB
input current limit accuracy and start-up sequence
allow the bq2423x to meet USB-IF inrush current
specification. Additionally, the input dynamic power
management (VIN-DPM) prevents the charger from
crashing poorly designed or incorrectly configured
USB sources.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24232RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232RGTTG4 TI-BQ24232RGTTG4 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24232RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com