Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDH3BNA1BBB Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # KDH3BNA1BBB
Description  Sealed Rocker Switch Double Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KDH3BNA1BBB Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  KDH3BNA1BBB Datasheet HTML 1Page - Cherry Semiconductor Corporation KDH3BNA1BBB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2016-01-08, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings
UL1054
VDC
3
16 A 125 VAC / 10 A 250 VAC
20 A 14 VDC / 10 A 28 VDC
Electrical Life at Rated Load
UL
Minimum Operations
6,000
3DC ratings not agency approved
UL File No: E23301
Material and Environmental Specifications
Actuator
Polycarbonate 94V-2
Housing
Nylon 66 94V-2
Spring
Steel
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Silver-Plated Copper Alloy
Rubber Boot
Silicone
Operating Temperature Range
-25
OC to +85 OC (-13 OF to +185 OF)
Ingress Protection
IP65
Circuitry and Switch Functions
Dimensions mm (inches)
Recommended Panel Cut-out


Similar Part No. - KDH3BNA1BBB

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
KDH3BNA1BBB ZFSWITCHES-KDH3BNA1BBB Datasheet
272Kb / 2P
   Sealed Rocker Switch
More results

Similar Description - KDH3BNA1BBB

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
   Sealed Rocker Switch Single Pole
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
   Sealed Rocker Switch Single Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch Single and Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
   Sealed Rocker Switch
logo
ZF Friedrichshafen AG
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
   Sealed Rocker Switch
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
   Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com