Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPA1008-SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1008-SMB
Description  GaN on Si HEMT D-Mode Integrated Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1008-SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPA1008-SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1008-SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GaN Wideband Power Amplifier, 28 V, 5 W
20 - 2700 MHz
Rev. V3
NPA1008
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Parts measured on evaluation board (20-mil thick
RO4350). The PCB’s electrical and thermal ground
is provided using a standard-plated densely packed
via hole array (see recommended via pattern).
Matching is provided using a combination of
lumped elements and transmission lines as shown
in the simplified schematic above. Recommended
tuning solution component placement, transmission
lines, and details are shown on the next page.
Description
Turning the device ON
1. Set VGS to the pinch-off (VP), typically -5 V.
2. Turn on VDS to nominal voltage (28 V).
3. Increase VGS until the IDS current is reached.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VGS down to VP.
3. Decrease VDS down to 0 V.
4. Turn off VGS.
Bias Sequencing
Recommended Via Pattern (All dimensions shown as inches)
Evaluation Board and Recommended Tuning Solution
20 - 2700 MHz Broadband Circuit
C3
10
mF
VGS
NPA1008
C2
2400 pF
RF
Out
C1
2400 pF
RF
In
R1
470 W
L4
1.5 nH
L3
2.2 nH
C8
0.6 pF
VDS
C4
4.7
mF
L2
0.9
mH
C6
0.8 pF
C5
0.6 pF
C7
0.5 pF
C9
1000 pF
L1
0.9
mH


Similar Part No. - NPA1008-SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPA1008 MA-COM-NPA1008 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
More results

Similar Description - NPA1008-SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPA1003QA MA-COM-NPA1003QA Datasheet
1Mb / 11P
   GaN on Si HEMT D-Mode Amplifier
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
   GaN HEMT integrated Gate Driver
Revision March 1,2022
logo
M/A-COM Technology Solu...
MAGX-000025-150000 MA-COM-MAGX-000025-150000_15 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X_15 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000-V2 MA-COM-MAGX-000245-014000-V2 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000-V1 MA-COM-MAGX-000245-025000-V1 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000_15 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000_15 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com