Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAUC-010515-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAUC-010515-000000
Description  Lead-Free 6 mm Laminate Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAUC-010515-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAUC-010515-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Up Converter
40.5 - 43.5 GHz
Rev. V5
MAUC-010515
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: RF Freq: 40.5 - 43.5 GHz, LO = 0 dBm, IF = -10 dBm,
VD = 4 V, ID1 = ID2 = 90 mA, ID3 = 120 mA, TA = 25°C
Parameter
Units
Min.
Typ.
Max.
Frequency Range (LO)2
GHz
18.5
-
21.75
Frequency Range (IF)
GHz
DC
-
3.5
LO Input Power (Plo)
dBm
0
-
8
Conversion Gain
dB
8
11
16
Image Rejection
dBc
-
22
-
Output IP3
dBm
25
30
-
Spurious (2xLO) [tuned]
dBm
-
-40
-
Spurious (1xLO)
dBm
-
-57
-
Noise Figure
dB
-
19
-
Input Return Loss (IF port)
dB
-
12
-
Output Return Loss (RF Port)
dB
-
8
-
LO Return Loss
dB
-
15
-
Current
3
(ID1 + ID2 + ID3)
mA
-
300
400
Gate Voltage (VG4)
V
-
-3
-
Gate Current (IG4)
mA
-
4
-
2. LO frequency range limits the performance characteristics to USB only.
3. Adjust VG1, VG2, VG3 between -1.0 and -0.1 V to achieve specified current. Typical 300 mA = 90 (ID1) + 90 (ID2) + 120 (ID3)
Absolute Maximum Ratings 4,5,6
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Human Body Model Class 1B and Machine Model
Class B devices.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near these
survivability limits.
6. Operating at nominal conditions with TJ ≤ 150 °C will ensure
MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TC + ӨJC * (V * I)
Typical thermal resistance (ӨJC) = 41.7 °C/W.
a) For TC = 25 °C, TJ = 75.04 °C @ 4 V, 300 mA
b) For TC = 85 °C, TJ = 135.04 °C @ 4 V, 300 mA
Parameter
Absolute Maximum
Drain Voltage
4.3 V
Gate Bias Voltage (VG1,2,3)
-1.5 V < VG < 0 V
Gate Bias Voltage (VG4)
-4.0 V < VG < 0 V
Input Power
10 dBm
LO Input Power
13 dBm
Storage Temperature
-55°C to +150°C
Operating Temperature
-40°C to +85°C
Junction Temperature7
+150°C


Similar Part No. - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-010515-000000 MA-COM-MAUC-010515-000000 Datasheet
1Mb / 8P
   11 dB Conversion Gain
More results

Similar Description - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736_15 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011038 MA-COM-MAMF-011038 Datasheet
889Kb / 8P
   Lead Free 2 mm 12-lead STQFN package
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Kingboard Laminates Hol...
KB-616XF KINGBOARD-KB-616XF Datasheet
148Kb / 1P
   Copper clad epoxy fiberglass cloth laminate (lead-free series)
logo
STMicroelectronics
ESDA6V1-5T6 STMICROELECTRONICS-ESDA6V1-5T6 Datasheet
172Kb / 11P
   Lead-free and RoHS package
March 2011 Rev 2
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003 Datasheet
748Kb / 5P
   Lead-Free Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com