Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-010612-TR1000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010612-TR1000
Description  Fast Settling Speed for timing-sensitive applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010612-TR1000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-010612-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010612-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010612-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010612-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-010612-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V1
MASW-010612
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: Freq: 2.45 GHz, TA = 25°C, VC = 0 V / 3 V, Z0 = 50 Ω 6,7
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 8
dB
0.6
0.85
Isolation
RFC - TX, RX, BT
dB
19
21
Return Loss
dB
20
IP3
Two Tone, +10 dBm/tone, 10 MHz Spacing
dBm
54
P1dB
TX
RX
BT
dBm
36
34
34
3rd Harmonic
+20 dBm
dBc
-78
Trise, Tfall
10% to 90% RF,
90% to 10% RF
ns
16
20
Ton, Toff
50% control to 90% RF,
50% control to 10% RF
ns
26
30
Control Current
|VC| = 3 V
µA
4
10
6. For positive control voltage, external DC blocking capacitors are required on all RF ports.
7. Specifications apply with no connection to pin 2 (VP).
8. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 2.45 GHz.
Truth Table 11,12,13
V1
V2
V3
RFC - TX RFC - RX RFC - BT
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
11. 0 = 0 V ± 0.2 V, 1 = 1.8 V to +5 V, minimum VHI-VLO = 1.8 V,
maximum VHI-VLO = 8.5 V.
12. For use at low voltage, M/A-COM recommends connecting
pin 2 to a voltage equal to the most positive control voltage.
13. Negative control voltage may be used. The ‗1‘ in the table
would be the most positive (0 V) and the ‗0‘ would be the
most negative (-3 V for example).
Parameter
Absolute Maximum
Max Input Power
(0.5-3.5 GHz, 3 V Control)
RFC – TX
RFC – RX
RFC – BT
35 dBm
31 dBm
31 dBm
|VHI-VLO|
8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 9,10
9. Exceeding any one or combination of these limits may
cause permanent damage to this device.
10. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MASW-010612-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
More results

Similar Description - MASW-010612-TR1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP42GSZ-RL AD-OP42GSZ-RL Datasheet
601Kb / 14P
   High Speed, Fast Settling Precision Operational Amplitier
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP-42 AD-OP-42 Datasheet
596Kb / 14P
   HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
   FAST SETTLING
AD509 AD-AD509_15 Datasheet
2Mb / 4P
   HIGH SPEED FAST SETTLING IC OP AMP
OP42 AD-OP42_15 Datasheet
604Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
MERITEK ELECTRONICS COR...
AS73 MERITEK-AS73 Datasheet
329Kb / 5P
   Special passivation for moisture sensitive applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com