Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP560J Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP560J
Description  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP560J Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP560J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP560J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP560J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP560J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP560J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP560J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP560J
2014-09-22
5
Ambient temperature Ta (℃)
Normalized VDRM – Ta
1.4
100
80
0
−40
1.2
1.0
0.8
0.6
0.4
0.2
60
40
20
−20
Ambient temperature Ta (℃)
Normalized IFT – Ta
VT = 6V
100
80
60
20
40
0
−20
3
1.2
1
0.5
0.3
0.1
−40
2
100
80
60
20
40
0
−20
3
1.2
1
0.5
0.3
0.1
−40
2
Ambient temperature Ta (℃)
Normalized IH – Ta
Ambient temperature Ta (℃)
Normalized IDRM – Ta
10
3
80
60
40
20
0
100
10
2
10
1
10
0
VDRM = Rated
10
5
3
2
1.6
1
30
1.2
50
100
300
500
1000
10
Normalized Current –
LED Current Pulse Width
LED current pulse width
Pw (μs)
1.4
1.8


Similar Part No. - TLP560J_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
More results

Similar Description - TLP560J_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com