Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9602 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9602
Description  Dual Retriggerable, Resettable One Shots
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9602 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  9602 Datasheet HTML 1Page - National Semiconductor (TI) 9602 Datasheet HTML 2Page - National Semiconductor (TI) 9602 Datasheet HTML 3Page - National Semiconductor (TI) 9602 Datasheet HTML 4Page - National Semiconductor (TI) 9602 Datasheet HTML 5Page - National Semiconductor (TI) 9602 Datasheet HTML 6Page - National Semiconductor (TI) 9602 Datasheet HTML 7Page - National Semiconductor (TI) 9602 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics
TLF6611 – 12
FIGURE 1 Output Pulse Width vs Timing Resistance
and Capacitance for CX k 103 pF
TLF6611 – 13
FIGURE 2 Normalized Output Pulse Width
vs Ambient Temperature
TLF6611 – 14
FIGURE 3 Pulse Width vs Timing Resistor
TLF6611 – 15
FIGURE 4 Normalized Output Pulse Width
vs Supply Voltage
TLF6611 – 16
FIGURE 5 Minimum Output Pulse Width
vs Ambient Temperature
TLF6611 – 17
FIGURE 6 Typical ‘‘K’’ Coefficient Variation
vs Timing Capacitance
5


Similar Part No. - 9602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9602 ETC2-9602 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Keystone Electronics Co...
9602 KEYSTONE-9602 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
TriQuint Semiconductor
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
1,005Kb / 8P
   2.4 GHz WLAN/BTLTE Co-Existence Filter
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
3Mb / 16P
   WiFi/LTE BAW Diplexer
logo
Qorvo, Inc
9602-1111-018 QORVO-9602-1111-018 Datasheet
368Kb / 8P
   2.4 GHz WLAN/BT LTE Co-Existence Filter
More results

Similar Description - 9602

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM9602 FAIRCHILD-DM9602 Datasheet
84Kb / 6P
   Dual Retriggerable, Resettable One Shots
logo
Hitachi Semiconductor
HD74AC123A HITACHI-HD74AC123A Datasheet
50Kb / 9P
   Dual Retriggerable Resettable Multivibrator
logo
Renesas Technology Corp
HD74AC123A RENESAS-HD74AC123A Datasheet
249Kb / 7P
   Dual Retriggerable Resettable Multivibrator
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Hitachi Semiconductor
HD74HC4538 HITACHI-HD74HC4538 Datasheet
81Kb / 16P
   Dual Precision Retriggerable/Resettable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com