Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-009460 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009460
Description  GaAs DPDT Diversity Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009460 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-009460_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009460_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009460_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009460_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009460_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009460_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
Rev. V1
MASW-009460
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Low Insertion Loss 0.7 dB at 2.4 GHz
 Ideal for WLAN IEEE 802.11b
 0.5 micron GaAs pHEMT Process
 Lead-Free 3 mm 12-Lead PQFN Package
 Halogen-Free ―Green‖ Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant version of MASWSS0040
Description
M/A-COM’s MASW-009460 is a GaAs pHEMT
MMIC DPDT diversity switch in a lead-free 3 mm 12-
lead PQFN package. The MASW-009460 is ideally
suited for applications where very small size and low
cost are required.
Typical applications are for WLAN IEEE 802.11b/g
systems that employ two antennas for transmit and
receive diversity.
This part is designed for low
insertion loss and allows for independent control and
selection of each switch path. This part can be used
in all systems operating up to 3.0 GHz requiring
moderate power and diversity switching.
The MASW-009460 is fabricated using a 0.5 micron
gate length GaAs pHEMT process. The process
features full passivation for performance and
reliability.
Ordering Information 1,2
Part Number
Package
MASW-009460-TR1000
1000 piece reel
MASW-009460-TR3000
3000 piece reel
MASW-009460-001SMB
Sample Test Board
Pin No.
Pin Name
Description
1
Ctrl 1
Control 1
2
Port 3
RF Port 3
3
Ctrl 4
Control 4
4
N/C
No Connection
5
Port 2
RF Port 2
6
N/C
No Connection
7
Ctrl 3
Control 3
8
Port 4
RF Port 4
9
Ctrl 2
Control 2
10
N/C
No Connection
11
Port 1
RF Port 1
12
N/C
No Connection
Pad
Paddle3
RF & DC Ground
Pin Configuration
Functional Schematic
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
3. The exposed pad centered on the package bottom must be
connected to the RF and DC ground.


Similar Part No. - MASW-009460_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009460-001SMB MA-COM-MASW-009460-001SMB Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460-TR1000 MA-COM-MASW-009460-TR1000 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460-TR3000 MA-COM-MASW-009460-TR3000 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results

Similar Description - MASW-009460_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
   High Power GaAs DPDT Diversity Switch
MASWSS0184 MA-COM-MASWSS0184_15 Datasheet
642Kb / 6P
   High Power GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com