Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC280MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC280MS8G
Description  GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC280MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC280MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC280MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC280MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC280MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC280MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC280MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
8 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
20
25
30
35
40
45
50
4.5
5
5.5
6
-40C
+25C
+70C
FREQUENCY (GHz)
20
25
30
35
40
45
50
4.5
5
5.5
6
-40C
+25C
+70C
FREQUENCY (GHz)
HMC280MS8G
Output IP3 vs. Temperature @ 3.6V
Reverse Isolation @ 3.6V
GaAs MMIC POWER AMPLIFIER
5.0 - 6.0 GHz
v03.0703
Power Compression @ 5.25 GHz
Output IP3 vs Supply Voltage @ 6.0 GHz
0
5
10
15
20
25
30
-10
-5
0
5
10
15
Output Power (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
20
25
30
35
40
45
50
2.5
3
3.5
4
4.5
5
5.5
-40C
+25C
+70C
Vdd SUPPLY VOLTAGE (Vdc)
Output IP3 vs. Temperature @ 5.0V
-60
-50
-40
-30
-20
-10
0
4.5
5
5.5
6
FREQUENCY (GHz)


Similar Part No. - HMC280MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8GE HITTITE-HMC280MS8GE Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results

Similar Description - HMC280MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G_07 Datasheet
296Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC406MS8G HITTITE-HMC406MS8G Datasheet
259Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
   6.0-18.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com