Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDQC5V0C-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQC5V0C-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC5V0C-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQC5V0C-HF Datasheet HTML 1Page - Comchip Technology CPDQC5V0C-HF Datasheet HTML 2Page - Comchip Technology CPDQC5V0C-HF Datasheet HTML 3Page - Comchip Technology CPDQC5V0C-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CPDQC5V0C-HF)
Fig.4 - Power Rating Derating Curve
20
40
60
80
100
0
25
50
75
100
125
150
Mounting on glass epoxy PCBs
Fig.1 - Reverse Characteristics
Reverse Voltage, (%)
0
20
40
60
100
100n
1u
10u
10n
80
Peak Pulse Current, (A)
Page 2
QW-G7071
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.2 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
5
10
15
30
0
1
2
3
4
20
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
e-t
td= t Ipp/2
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
25
Fig.1 - 8/20us Peak Pulse Current
Waveform Acc. IEC 61000-4-5
5
0
Fig.4 - Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
0
18
12
6
3
15
9
1
2
4
5
3
Waveform
Parameters:
tr=8us
td=20us
SMD ESD Protection Diode


Similar Part No. - CPDQC5V0C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQC5V0CSP-HF COMCHIP-CPDQC5V0CSP-HF Datasheet
105Kb / 4P
   Low Capacitance ESD Protection Diode
logo
Shanghai Leiditech Elec...
CPDQC5V0CSP-HF LEIDITECH-CPDQC5V0CSP-HF Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Comchip Technology
CPDQC5V0CSP-IPHF COMCHIP-CPDQC5V0CSP-IPHF Datasheet
105Kb / 4P
   Super Low Capacitance ESD Protection Diode
More results

Similar Description - CPDQC5V0C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com