Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDA10R5V0SP-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDA10R5V0SP-HF
Description  SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDA10R5V0SP-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDA10R5V0SP-HF Datasheet HTML 1Page - Comchip Technology CPDA10R5V0SP-HF Datasheet HTML 2Page - Comchip Technology CPDA10R5V0SP-HF Datasheet HTML 3Page - Comchip Technology CPDA10R5V0SP-HF Datasheet HTML 4Page - Comchip Technology CPDA10R5V0SP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (CPDA10R5V0SP-HF)
Fig.4 - Power Rating Derating Curve
Ambient Temperature, ( °C )
20
40
60
80
100
Mounting on glass epoxy PCBs
Fig.3 - Typical Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
0
10
0
0
25
50
100
150
75
125
1
120
15
20
30
1.5
2.0
2.5
3.0
Waveform
Parameters:
tr=8us
td=20us
Fig.2 - Typical Capacitance Between
Terminals Characteristics
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
e-t
td= t Ipp/2
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
Fig.1 - 8/20us Peak Pulse Current
Waveform ACC. IEC 61000-4-5
5
25
0.10
0.20
0.30
0
1
2
3
4
f=1MHz
TA=25°C
0.25
0.15
5
SMD ESD Protection Diode
Page 3
Comchip Technology CO., LTD.
REV:A
QW-G7079
Company reserves the right to improve product design , functions and reliability without notice.
0.05
0.00


Similar Part No. - CPDA10R5V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDA10R5V0P-HF COMCHIP-CPDA10R5V0P-HF Datasheet
104Kb / 5P
   SMD ESD Protection Diode
More results

Similar Description - CPDA10R5V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com