Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007075-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007075-0001TB
Description  GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007075-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-007075-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007075-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007075-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007075-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007075-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs SPDT Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V4
MASW-007075
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Typical Isolation: 36 dB (2,000 MHz)
 Typical Insertion Loss: 1.8 dB (2,000 MHz)
 Integral ASIC TTL/CMOS Driver
 Low DC Power Consumption
 50 Ohm Nominal Impedance
 Tape and Reel Packaging Available
 Test Boards Available
 Lead-Free SOW-24 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW65-0114
Description
M/A-COM's MASW-007075-000100 is a GaAs MMIC
absorptive SPDT switch with an integral silicon ASIC
driver. This device is in a 24-lead plastic package.
This switch offers excellent broadband performance
and repeatability from DC to 3 GHz, while
maintaining low DC power dissipation. The MASW-
007075-000100 is ideally suited for wireless
infrastructure applications. Also available in ceramic
package with improved performance.
Ordering Information
Part Number
Package
MASW-007075-000100
Bulk Packaging
MASW-007075-0001TR
1000 piece reel
MASW-007075-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFC
13
C1
2
GND
14
GND
3
GND
15
GND
4
GND
16
GND
5
GND
17
GND
6
RF2
18
GND
7
GND
19
RF1
8
VEE
20
GND
9
GND
21
GND
10
VCC
22
GND
11
GND
23
GND
12
C2
24
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
PIN 1 RFC
GND
GND
GND
GND
RF2
GND
VEE
GND
GND
GND
GND
RF1
GND
GND PIN 24
GND
GND
GND
GND
C1 PIN 13
GND
VCC
GND
PIN 12 C2


Similar Part No. - MASW-007075-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007075-0001TB MACOM-MASW-007075-0001TB Datasheet
196Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007075-0001TB MA-COM-MASW-007075-0001TB Datasheet
117Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - MASW-007075-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0114 MA-COM-SW65-0114 Datasheet
115Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
MASW-007075-000100 MACOM-MASW-007075-000100 Datasheet
196Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com