Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWFA2J564J Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWFA2J564J
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFA2J564J Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWFA2J564J Datasheet HTML 1Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 2Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 3Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 4Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 5Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 6Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 7Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 8Page - Panasonic Semiconductor ECWFA2J564J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC56−
Plastic Film Capacitors
■Rating, Dimensions& Quantity/Ammo Box
Type ECWF(A) Rated voltage : 250 VDC
Suffix for lead crimped
Capacitance tolerance code
↑↑
Part No.
Cap.
(µF)
L max
T max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
G max.
ød
Taping
7.5mm
ECWF2104
□A( )
ECWF2124
□A( )
ECWF2154
□A( )
ECWF2184
□A( )
ECWF2224
□A( )
ECWF2274
□A( )
ECWF2334
□A( )
ECWF2394
□A( )
ECWF2474
□A( )
ECWF2564
□A( )
ECWF2684
□A( )
ECWF2824
□A( )
ECWF2105
□A( )
ECWF2125
□A( )
ECWF2155
□A( )
ECWF2185
□A( )
ECWF2225
□A( )
ECWF2275
□A( )
ECWF2335
□A( )
ECWF2395
□A( )
ECWF2475
□A( )
ECWF2565
□A( )
ECWF2685
□A( )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.1
18.1
18.1
18.1
18.8
18.8
18.8
18.8
23.8
23.8
23.8
23.8
23.8
23.8
5.0
5.3
5.6
5.9
6.3
6.8
7.3
7.8
8.4
6.9
7.4
8.0
8.5
9.5
10.5
11.4
12.6
11.4
12.5
13.5
14.8
16.2
17.8
13.3
14.6
15.6
16.5
17.6
17.2
18.3
19.3
20.6
21.9
23.5
14.1
14.4
14.7
15.1
15.4
15.9
16.4
16.9
17.6
16.4
17.0
17.6
18.3
19.6
20.6
21.5
22.6
22.2
23.3
24.3
25.6
26.9
28.5
14.1
14.4
14.7
15.1
15.4
15.9
16.4
16.9
17.6
18.4
19.0
19.6
20.3
21.6
22.6
23.5
24.6
24.2
25.3
26.3
27.6
28.9
30.5
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
──
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
12.5
12.5
12.5
12.5
12.5
12.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1300
1200
1100
1000
900
800
700
400
300
200
200
300
Dimensions (mm)
Min. order Q'ty
Straight
Straight
●Packaging Specifications
Style
D
E
F
Lead Spacing
7.5 mm
7.5 mm
7.5 mm
●Lead Spacing
Type
Rated
voltage.
Cap. range
(µF)
Taping style
AD AS
B
C
D
F
E
Packing
suffix
ECWF(A)
250 VDC
450 VDC
630 VDC
0.10 to 0.47
0.56 to 3.9
0.10 to 0.47
0.56 to 2.2
0.10 to 0.68
Ammo
R() A
J4
■Taping Specifications for Automatic Insertion
●Taping style
❈Refer to the page of taping specifications.
Style E
Style F
500
Bulk
p Œ ¯ ¶
P50_81
13.02.15 17:31
y [ W
56


Similar Part No. - ECWFA2J564J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFA2J564J PANASONIC-ECWFA2J564J Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWFA2J564JA PANASONIC-ECWFA2J564JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECWFA2J564J

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com