Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-004100-1193 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004100-1193
Description  Lower Insertion Loss / Higher Isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004100-1193 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-004100-1193_14 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HMIC™ Silicon SP4T PIN Diode Switch
Rev. V4
MASW-004100-1193
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Cleanliness
The chips should be handled in a clean environment
free of dust and organic contamination.
Wire / Ribbon Bonding
Thermo compression wedge bonding using 0.003” x
0.00025” ribbon or 0.001” diameter gold wire is
recommended. A work stage temperature of
150°C - 200°C, tool tip temperature of 120°C - 150°
and a downward force of 18 to 22 grams should be
used. If ultrasonic energy is necessary, it should be
adjusted to the minimum level required to achieve a
good bond. Excessive power or force will fracture
the silicon beneath the bond pad causing it to lift.
RF bond wires and ribbons should be kept as short
as possible for optimum RF performance.
Chip Mounting
HMIC switches have Ti-Pt-Au backside metallization
and can be mounted using a gold-tin eutectic solder
or conductive epoxy. Mounting surface must be free
of contamination and flat.
Eutectic Die Attachment
An 80/20, gold-tin, eutectic solder is recommended.
Adjust the work surface temperature to 255oC and
the tool tip temperature to 265oC. After placing the
chip onto the circuit board re-flow the solder by
applying hot forming gas (95/5 Ni/H) to the top
surface of the chip. Temperature should be
approximately 290oC and not exceed 320oC for
more than 20 seconds. Typically no more than three
seconds is necessary for attachment. Solders rich in
tin should be avoided
Epoxy Die Attachment
A minimum amount of epoxy, 1 - 2 mils thick, should
be used to attach chip. A thin epoxy fillet should be
visible around the outer perimeter of the chip after
placement. Epoxy cure time is typically 1 hour at
150°C.


Similar Part No. - MASW-004100-1193_14

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-11930G MA-COM-MASW-004100-11930G Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
logo
Tyco Electronics
MASW-004100-11930W MACOM-MASW-004100-11930W Datasheet
237Kb / 6P
   Monolithic PIN SP4T Diode Switch
logo
M/A-COM Technology Solu...
MASW-004100-11930W MA-COM-MASW-004100-11930W Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results

Similar Description - MASW-004100-1193_14

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
   Loss Insertion Loss
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
Pasternack Enterprises,...
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
   Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com