Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C557-05Q Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C557-05Q
Description  PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-05Q Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI6C557-05Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C557-05Q Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PI6C557-05Q
PCIe® 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
www.pericom.com
PI6C557-05Q
Rev B
05/05/14
All trademarks are property of their respective owners.
Recomended Crystal Specification
Pericom recommends:
a) FL2500184Q, SMD 3.2x2.5(4P), 25M, CL=20pF, Frequency Tolerance ±15ppm, Stability ±20ppm
(http://www.pericom.com/pdf/datasheets/se/FL.pdfb)
C1
27pF
25M Crystal�
(C
L�=�20pF)
C2
27pF
Xin
Xout
Optional
360Ω
Recommended Crystal Circuit
The following diagram shows PI6C557-05Q crystal circuit connection with a parallel crystal. For the C L=20pF
parallel crystal, it is suggested to use C1=27 pF, C2=27 pF in general. C1 and C2 can be adjusted to fine tune to the
target ppm of crystal oscillation according to different board layouts. R1=360 ohm is recommended in layout for
smaller size crystal drive level adjustment.
14-0063


Similar Part No. - PI6C557-05Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05BLE PERICOM-PI6C557-05BLE Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05LE PERICOM-PI6C557-05LE Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
More results

Similar Description - PI6C557-05Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03AQ PERICOM-PI6C557-03AQ_14 Datasheet
898Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
   PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com